Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHTSHC-2 Datasheet(PDF) 1 Page - Major League Electronics

Part # SHTSHC-2
Description  .079" cl Shrouded Terminal Strip Header Custom
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAJOR-LEAGUE [Major League Electronics]
Direct Link  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

SHTSHC-2 Datasheet(HTML) 1 Page - Major League Electronics

  SHTSHC-2 Datasheet HTML 1Page - Major League Electronics SHTSHC-2 Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.079" cl Shrouded Terminal Strip Header
Custom
SHTSHC-2 SERIES
23 APR 07
Major League Electronics .079" cl Shrouded Terminal Strip Header
Pins Per Row
SHTSHC-2
Ordering Information
LF
-
-
-
Lead Free
-
XX D
XX
XX
- XXX
Double
Polarized Position
001 - 050
Leave blank if not needed
- 30µ Gold on Contact Area/Matte Tin on Tail
- 10µ Gold on Contact area/Flash on Tail
Plating Options
- 10µ Gold on Contact Area/Matte Tin on Tail
- Matte Tin all Over
G
GT
H
T
- Gold Flash Over Entire Pin
F
03 - 25
- XX
- X
(8.59) .338
Pin Length
Pin Option
(8.20) .323
03
04
Desired Tail length
Lock Tight "LT" (Optional)
LT = With
Leave blank if not needed
Every Other Pin Filled (.158 centres)
E = Filled
Leave blank if not needed
Two tails per strip are crimped in opposing directions on or near the centerline.
Must have a minimum dimension of .050". Recommended hole size of .040".
(3.00) .118
Max. Tail Length
(2.62) .103
(10.08) .397
06
(4.50) .177
(11.58) .456
07
(5.99) .236
(13.59) .535
08
(8.00) .315
(14.10) .555
09
(8.51) .335
(14.61) .575
10
(9.02) .355
(15.09) .594
12
(9.50) .374
(15.60) .614
14
(10.01) .394
(17.09) .673
15
(11.51) .453
(18.11) .713
16
(12.52) .493
(18.62) .733
17
(13.03) .513
(19.10) .752
18
(13.51) .532
(21.08) .830
22
(15.49) .610
(22.12) .871
24
(16.54) .651
04 = standard option
- XXX
Please specify
e.g. .100 (2.54) = 100
Tail (T) = Length (L) - (5.60) .220
Tails may be clipped
Select nearest Pin
Option greater than
specified 'Desired
Tail Length'
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
-40°C to +105°C
500V AC/DC
Operating Temperature
Dielectric Withstanding
1 Amp
Current Rating
20 mOHMSmin.
1000 MOHMS min.
Copper Alloy
Contact Resistance
Insulation Resistance
Contact
Polyester UL 94V-0 Nylon-6T
Insulator
Mates with:
IDS-2
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice


Similar Part No. - SHTSHC-2

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
SHTSHC-1 MAJOR-LEAGUE-SHTSHC-1 Datasheet
64Kb / 1P
   .100" cl Shrouded Terminal Strip Header Custom
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com