Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7346-30 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7346-30
Description  30 dB Fixed Attenuator, N Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7346-30 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7346-30 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7346-30 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7346-30 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector 1
Type
N Male
Contact Material and Plating
Brass, Gold
Hex Size, In.
11/16
Body Material and Plating
Stainless Steel, Passivated
Connector 2
Type
TNC Female
Contact Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Stainless Steel, Passivated
Hex Size, In.
11/16
Body Material and Plating
Stainless Steel, Passivated
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
OUTPUT PORT HANDLES 5 WATTS MAX POWER
URL:
http://www.pasternack.com/30db-fixed-n-male-tnc-female-50-watts-attenuator-pe7346-30-p.aspx
30 dB Fixed Attenuator, N Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
30 dB Fixed Attenuator, N Male To TNC Female
Directional Rated To 50 Watts Up To 18 GHz
PE7346-30
PE7346-30 REV NC


Similar Part No. - PE7346-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7346-3 PASTERNACK-PE7346-3 Datasheet
350Kb / 3P
   3 dB Fixed Attenuator, N Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz
More results

Similar Description - PE7346-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7350-30 PASTERNACK-PE7350-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, TNC Male To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7326-30 PASTERNACK-PE7326-30 Datasheet
351Kb / 3P
   30 dB Fixed Attenuator, TNC Male To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7341-30 PASTERNACK-PE7341-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, N Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
PE7319-30 PASTERNACK-PE7319-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, TNC Female To N Male Directional Rated To 50 Watts Up To 18 GHz
PE7351-30 PASTERNACK-PE7351-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, TNC Female To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7327-30 PASTERNACK-PE7327-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7320-30 PASTERNACK-PE7320-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7341-50 PASTERNACK-PE7341-50 Datasheet
351Kb / 3P
   50 dB Fixed Attenuator, N Female To TNC Male Directional Rated To 50 Watts Up To 18 GHz
PE7347-30 PASTERNACK-PE7347-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, N Female To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7319-50 PASTERNACK-PE7319-50 Datasheet
350Kb / 3P
   50 dB Fixed Attenuator, TNC Female To N Male Directional Rated To 50 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com