Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1393779-9 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2-1393779-9
Description  W11 Relay V23101
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393779-9 Datasheet(HTML) 2 Page - Tyco Electronics

  2-1393779-9 Datasheet HTML 1Page - Tyco Electronics 2-1393779-9 Datasheet HTML 2Page - Tyco Electronics 2-1393779-9 Datasheet HTML 3Page - Tyco Electronics 2-1393779-9 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
06-2012, Rev. 0612
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
Signal Relays
W11 Relay V23101 (Continued)
Coil Data (continued)
Coil operative range graphs
Unom
Nominal coil voltage
Umax
Upper limit of the operative range of the coil voltage (limiting
voltage) when coils are continously energized
Uop. min. Lower limit of the operative range of
the coil voltage (reliable operate voltage)
Urel. min. Lower limit of the operative range of
the coil voltage (reliable release voltage)
Insulation Data
Initial dielectric strength
between open contacts
750Vrms
between contact and coil
1000Vrms
Initial insulation resistance at 500VDC
> 109Ω
Capacitance
between open contacts
max. 2pF
between contact and coil
max. 10pF
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +85°C
Category of environmental protection
IEC 61810
RT III - immersion cleanable
Degree of protection, IEC 60529
IP 67
Vibration resistance (functional)
10g, 10 to 200Hz
Shock resistance (functional)
IEC 60068-2-27 (half sine)
30g
Shock resistance (destructive)
100g
Terminal type
PCB-THT
Weight
max. 4g
Resistance to soldering heat THT
IEC 60068-2-20
265°C/10s
Ultrasonic cleaning
not recommended
Packaging/unit
tube/25 pcs.
box/625 pcs.
108-98010 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
8 of 13
Telecom-, Signal and RF Relays
W11 Relay V23101
AXICOM
Unom =
Nominal coil voltage
Umax. =
Upper limit of the operative range of
the coil voltage (limiting voltage)
Uop. min. =
Lower limit of the operative range of the
coil voltage (reliable operate voltage)
For latching relays Uset min. resp. Ureset min.
Urel. min. =
Lower limit of the operative range of
the coil voltage (reliable release voltage)
Coil Operating Range
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100
Unom. nominal coil voltage
Uop. min.
Urel. min.
Umax. at 0 A
Umax. at 1.25 A
Ambient Temperature [°C]
200 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-40-30
-20-10
0102030405060708090100
Unom. nominal coil voltage
Uop. min.
Urel. min.
Umax. at 0 A
Umax. at 1.25 A
Ambient Temperature [°C]
450 mW coil
108-98010 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
4 of 13
Telecom-, Signal and RF Relays
W11 Relay V23101
AXICOM
Dimensions
Dimensions in mm
THT
V23101-Dxxx-Xxxx
mm
inch
L
W
15.5 ± 0.1
10.5 ± 0.1
0.610 ± 0.004
0.413 ± 0.004
H
T
11.5 - 0.2
3.5 - 0.2
0.453 - 0.008
0.138 - 0.008
THT Version
Mounting hole layout
View onto the component side of the PCB (top view)
Version: 6 pins
Version: 5 pins (without pin no. 6)
15.5±0.1
10.5±0.1
108-98010 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 13
Telecom-, Signal and RF Relays
W11 Relay V23101
AXICOM
Relay – top view
V23101-D0 xxx-Axxx
V23101-D0 xxx-Bxxx
V23101-D1 xxx-Axxx
V23101-D1 xxx-Bxxx
6 pin version with symmetrical coil assignment
6 pin version with asymmetrical coil assignment
5 pin version with symmetrical coil assignment
5 pin version with asymmetrical coil assignment
Terminal assignment
PCB layout
TOP view on component side of PCB
Terminal assignment
TOP view on component side of PCB
6 pin version with symmetrical
coil assignment
V23101-D0xxx-Axxx
108-98010 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 13
Telecom-, Signal and RF Relays
W11 Relay V23101
AXICOM
Relay – top view
V23101-D0 xxx-Axxx
V23101-D0 xxx-Bxxx
V23101-D1 xxx-Axxx
V23101-D1 xxx-Bxxx
6 pin version with symmetrical coil assignment
6 pin version with asymmetrical coil assignment
5 pin version with symmetrical coil assignment
5 pin version with asymmetrical coil assignment
Terminal assignment
6 pin version with asymmetrical
coil assignment
V23101-D0xxx-Bxxx
108-98010 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 13
Telecom-, Signal and RF Relays
W11 Relay V23101
AXICOM
Relay – top view
V23101-D0 xxx-Axxx
V23101-D0 xxx-Bxxx
V23101-D1 xxx-Axxx
V23101-D1 xxx-Bxxx
6 pin version with symmetrical coil assignment
6 pin version with asymmetrical coil assignment
5 pin version with symmetrical coil assignment
5 pin version with asymmetrical coil assignment
Terminal assignment
5 pin version with symmetrical
coil assignment
V23101-D1xxx-Axxx
108-98010 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 13
Telecom-, Signal and RF Relays
W11 Relay V23101
AXICOM
Relay – top view
V23101-D0 xxx-Axxx
V23101-D0 xxx-Bxxx
V23101-D1 xxx-Axxx
V23101-D1 xxx-Bxxx
6 pin version with symmetrical coil assignment
6 pin version with asymmetrical coil assignment
5 pin version with symmetrical coil assignment
5 pin version with asymmetrical coil assignment
Terminal assignment
5 pin version with asymmetrical
coil assignment
V23101-D1xxx-Bxxx
6 pin version
108-98010 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
4 of 13
Telecom-, Signal and RF Relays
W11 Relay V23101
AXICOM
Dimensions
Dimensions in mm
THT
V23101-Dxxx-Xxxx
mm
inch
L
W
15.5 ± 0.1
10.5 ± 0.1
0.610 ± 0.004
0.413 ± 0.004
H
T
11.5 - 0.2
3.5 - 0.2
0.453 - 0.008
0.138 - 0.008
THT Version
Mounting hole layout
View onto the component side of the PCB (top view)
Version: 6 pins
Version: 5 pins (without pin no. 6)
15.5±0.1
10.5±0.1
5 pin version


Similar Part No. - 2-1393779-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-1393779-9 TEC-2-1393779-9 Datasheet
1Mb / 4P
   Small size permitting high packing density
2-1393779-9 TEC-2-1393779-9 Datasheet
1Mb / 4P
   Small size permitting high packing density
More results

Similar Description - 2-1393779-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393779-0 MACOM-2-1393779-0 Datasheet
2Mb / 4P
   W11 Relay V23101
2-1393779-1 MACOM-2-1393779-1 Datasheet
2Mb / 4P
   W11 Relay V23101
2-1393779-3 MACOM-2-1393779-3 Datasheet
2Mb / 4P
   W11 Relay V23101
2-1393779-2 MACOM-2-1393779-2 Datasheet
2Mb / 4P
   W11 Relay V23101
2-1393779-4 MACOM-2-1393779-4 Datasheet
2Mb / 4P
   W11 Relay V23101
2-1393779-8 MACOM-2-1393779-8 Datasheet
2Mb / 4P
   W11 Relay V23101
logo
List of Unclassifed Man...
FZ800ED-RELAY ETC-FZ800ED-RELAY Datasheet
21Kb / 1P
   RELAY
PRS-1 ETC2-PRS-1 Datasheet
522Kb / 1P
   relay
logo
GOOD SKY ELECTRIC CO., ...
RET GOODSKY-RET Datasheet
1Mb / 6P
   Relay
logo
List of Unclassifed Man...
FRC1 ETC-FRC1 Datasheet
64Kb / 2P
   RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com