Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1393817-0 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2-1393817-0
Description  Cradle P Relay V23003
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393817-0 Datasheet(HTML) 2 Page - Tyco Electronics

  2-1393817-0 Datasheet HTML 1Page - Tyco Electronics 2-1393817-0 Datasheet HTML 2Page - Tyco Electronics 2-1393817-0 Datasheet HTML 3Page - Tyco Electronics 2-1393817-0 Datasheet HTML 4Page - Tyco Electronics 2-1393817-0 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
Signal Relays
Cradle P Relay V23003 (Continued)
Coil Data
Magnetic system
polarized, bistable
Coil voltage range
6 to 60 VDC,
typ. 1500 mW power consumption
Max. coil temperature
100°C
Thermal resistance
50K/W
Coil versions, bistable 2 coils
Coil
Rated
Set
Reset
Limiting
Coil
Rated coil
code
voltage
voltage
voltage Set/Reset
resistance power
VDC
VDC
VDC
VDC
Ω±15%
W (set)
026
6
4.0
4.0
6.7/6.7
24.5/24.5
1.47
025
12
8.0
8.0
13.5/13.5
100/100
1.44
037
24
16.5
16.5
26.5/25.0
400/340
1.44
044
60
44.0
44.0
65.0/65.0
2400/2400
1.5
064
48
33.5
33.5
49.0/49.0
1400/1400
1.65
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Set - negative potential at start of winding
Reset - plus potential at start of winding
Coil Data (continued)
Insulation Data
B1xx,B6xx,C1xx,C4xx F1xx
Initial dielectric strength
between coil / frame
500 VACrms
500 VACrms
between contact / contact
500 VACrms
1000 VACrms
between contact / fame
500 VACrms
1000 VACrms
Initial insulation resistance, at 500 VDC
> 106Ω
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to + 70°C
Category of environmental protection,
IEC 61810
RT I - dust-protected
Degree of protection, IEC 60529
IP 30
Terminal type
hand solder terminals, plug-in
Weight
V23003-A0xxx Size I
approx. 25g
V23003-B0xxx Size II
approx. 30g
Packaging unit
5 pcs.
Accessories
For details see datasheet
Cradle Relay, Accessories and Mounting
Note: with continuous operation only one winding to be energized within the
specified voltage range at a time!
The minimum voltage UI and the maximum voltage UII only depends on the
ambient temperature.
UI tamb
UI · U20 °C · kI tamb
UII tamb
UIl 20 °C · kII tamb
tamb
Ambient temperature
UI tamb
Minimum voltage at ambient temperature, tamb
UII tamb
Maximum voltage at ambient temperature, tamb
kI and kII
Factors
108-98012 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 14
Telecom-, Signal and RF Relays
Cradle Relay P V23003
AXICOM
Coil Data and operating range
Nominal voltage
from 6 Vdc to 60 Vdc
Typical nominal power consumption, at 20 °C
1.5 W
Class of the operative range
acc to EN 61810-1 / IEC 61810-1 and VDE 0435 Part 201
1
Operating voltage (according to the coil type)
max. 73% of the nominal voltage
With continuous operation only one winding at a time may be energized within the specific voltage range.
The minimum voltage UI and the maximum voltage UII depends on the ambient temperature.
UI tamb = UI 20 °C · kI tamb
UII tamb = UIl 20 °C · kII tamb
tamb
= Ambient temperature
UI tamb = Minimum voltage at ambient temperature, tamb
UII tamb = Maximum voltage at ambient temperature, tamb
kI and kII = Factors
Operate - negative potential at start of winding
Release - plus potential at start of winding
Ambient temperature [°C]
Ambient temperature [°C]
108-98012 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 14
Telecom-, Signal and RF Relays
Cradle Relay P V23003
AXICOM
Coil Data and operating range
Nominal voltage
from 6 Vdc to 60 Vdc
Typical nominal power consumption, at 20 °C
1.5 W
Class of the operative range
acc to EN 61810-1 / IEC 61810-1 and VDE 0435 Part 201
1
Operating voltage (according to the coil type)
max. 73% of the nominal voltage
With continuous operation only one winding at a time may be energized within the specific voltage range.
The minimum voltage UI and the maximum voltage UII depends on the ambient temperature.
UI tamb = UI 20 °C · kI tamb
UII tamb = UIl 20 °C · kII tamb
tamb
= Ambient temperature
UI tamb = Minimum voltage at ambient temperature, tamb
UII tamb = Maximum voltage at ambient temperature, tamb
kI and kII = Factors
Operate - negative potential at start of winding
Release - plus potential at start of winding
Ambient temperature [°C]
Ambient temperature [°C]
Terminals:
coil with 2 windings:
winding I: start 3, end 2
winding II: start 4, end 1


Similar Part No. - 2-1393817-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-1393817-0 TEC-2-1393817-0 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
2-1393817-0 TEC-2-1393817-0 Datasheet
1Mb / 5P
   Highly reliable multi purpose relay
More results

Similar Description - 2-1393817-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393817-2 MACOM-2-1393817-2 Datasheet
1Mb / 5P
   Cradle P Relay V23003
2-1393817-1 MACOM-2-1393817-1 Datasheet
1Mb / 5P
   Cradle P Relay V23003
logo
OEN India Limited
7701-2C OENINDIA-7701-2C Datasheet
80Kb / 1P
   MINIATURE CRADLE RELAY
logo
Tyco Electronics
2-1393816-2 MACOM-2-1393816-2 Datasheet
775Kb / 4P
   Cradle W Relay V23005
2-1393816-4 MACOM-2-1393816-4 Datasheet
775Kb / 4P
   Cradle W Relay V23005
2-1393816-6 MACOM-2-1393816-6 Datasheet
775Kb / 4P
   Cradle W Relay V23005
2-1393816-7 MACOM-2-1393816-7 Datasheet
775Kb / 4P
   Cradle W Relay V23005
2-1393816-5 MACOM-2-1393816-5 Datasheet
775Kb / 4P
   Cradle W Relay V23005
2-1393816-8 MACOM-2-1393816-8 Datasheet
775Kb / 4P
   Cradle W Relay V23005
2-1393810-0 MACOM-2-1393810-0 Datasheet
1Mb / 10P
   Cradle N Relay V23154/V23162
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com