Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1V5KE20CA Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 1V5KE20CA
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1V5KE20CA Datasheet(HTML) 2 Page - Fairchild Semiconductor

  1V5KE20CA Datasheet HTML 1Page - Fairchild Semiconductor 1V5KE20CA Datasheet HTML 2Page - Fairchild Semiconductor 1V5KE20CA Datasheet HTML 3Page - Fairchild Semiconductor 1V5KE20CA Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1V5KE6V8(C)A - 1V5KE440(C)A, Rev. D
Transient Voltage Suppressors
(continued)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Uni-directional
Bi-directional (C)
Device
Reverse
Stand-off Voltage
VRWM (V)
Breakdown Voltage
VBR (V)
Test
Current
IT(mA)
Clamping
Voltage @IPPM
VC(V)
Peak Pulse Current
IPPM (A)
Reverse
Leakage VRWM
IR(uA)*
Min
Max
1V5KE6V8(C)A
5.80
6.45
7.14
10
10.5
143
1000
1V5KE7V5(C)A
6.40
7.13
7.88
10
11.3
133
500
1V5KE8V2(C)A
7.02
7.79
8.61
10
12.1
124
200
1V5KE9V1(C)A
7.78
8.65
9.55
1
13.4
112
50
1V5KE10(C)A
8.55
9.50
10.5
1
14.5
103
10
1V5KE11(C)A
9.40
10.5
11.6
1
15.6
96.2
5
1V5KE12(C)A
10.2
11.4
12.6
1
16.7
90.0
5
1V5KE13(C)A
11.1
12.4
13.7
1
18.2
82.0
5
1V5KE15(C)A
12.8
14.3
15.8
1
21.2
71.0
5
1V5KE16(C)A
13.6
15.2
16.8
1
22.5
67.0
5
1V5KE18(C)A
15.3
17.1
18.9
1
26.2
59.5
5
1V5KE20(C)A
17.1
19.0
21.0
1
27.7
54.2
5
1V5KE22(C)A
18.8
20.9
23.1
1
30.6
49.0
5
1V5KE24(C)A
20.5
22.8
25.2
1
33.2
45.2
5
1V5KE27(C)A
23.1
25.7
28.4
1
37.5
40.0
5
1V5KE30(C)A
25.6
28.5
31.5
1
41.4
36.2
5
1V5KE33(C)A
28.2
31.4
34.7
1
45.7
33.0
5
1V5KE36(C)A
30.8
34.2
37.8
1
49.9
30.1
5
1V5KE39(C)A
33.3
37.1
41.0
1
53.9
28.0
5
1V5KE43(C)A
36.8
40.9
45.2
1
59.3
25.3
5
1V5KE47(C)A
40.2
44.7
49.4
1
64.8
23.2
5
1V5KE51(C)A
43.6
48.5
53.6
1
70.1
21.4
5
1V5KE56(C)A
47.8
53.2
58.8
1
77.0
19.5
5
1VKE62(C)A
53.0
58.9
65.1
1
85.0
17.7
5
1V5KE68(C)A
58.1
64.6
71.4
1
92.0
16.3
5
1V5KE75(C)A
64.1
71.3
78.8
1
104.0
14.6
5
1V5KE82(C)A
70.1
77.9
86.1
1
113.0
13.3
5
1V5KE91(C)A
77.8
86.5
95.5
1
125.0
12.0
5
1V5KE100(C)A
85.5
95.0
105.0
1
137.0
11.0
5
1V5KE110(C)A
94.0
106.0
116.0
1
152.0
9.9
5
1V5KE120(C)A
102.0
114.0
126.0
1
165.0
9.1
5
1V5KE130(C)A
111.0
124.0
137.0
1
179.0
8.4
5
1V5KE150(C)A
128.0
143.0
158.0
1
207.0
7.2
5
1V5KE160(C)A
136.0
152.0
168.0
1
219.0
6.8
5
1V5KE170(C)A
145.0
162.0
179.0
1
234.0
6.4
5
1V5KE180(C)A
154.0
171.0
189.0
1
246.0
6.1
5
1V5KE200(C)A
171.0
190.0
210.0
1
274.0
5.5
5
1V5KE220(C)A
185.0
209.0
231.0
1
328.0
4.6
5
1V5KE250(C)A
214.0
237.0
263.0
1
344.0
4.5
5
1V5KE300(C)A
256.0
285.0
315.0
1
414.0
3.8
5
1V5KE350(C)A
300.0
333.0
368.0
1
482.0
3.2
5
1V5KE400(C)A
342.0
380.0
420.0
1
548.0
2.8
5
1V5KE440(C)A
376.0
418.0
462.0
1
602.0
2.6
5
* For bidirectional parts with V
RWM<10V, the IR max limit is doubled.


Similar Part No. - 1V5KE20CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1V5KE20CA FAIRCHILD-1V5KE20CA Datasheet
85Kb / 4P
   Transient Voltage Suppressors
More results

Similar Description - 1V5KE20CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com