Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3859A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 2N3859A
Description  NPN General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N3859A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2N3859A Datasheet HTML 1Page - Fairchild Semiconductor 2N3859A Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC = 1.0 mA, IB = 0
60
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100
µA, I
E = 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 100
µA, I
C = 0
6.0
V
ICBO
Collector Cutoff Current
VCB = 18 V, IE = 0
0.5
µA
IEBO
Emitter Cutoff Current
VEB = 4.0 V, IC = 0
0.5
µA
ON CHARACTERISTICS*
hFE
DC Current Gain
VCE = 1.0 V, IC = 1.0 mA
VCE = 1.0 V, IC = 10 mA
75
100
200
SMALL SIGNAL CHARACTERISTICS
Cob
Output Capacitance
VCB = 10 V, f = 1.0 MHz
4
pF
fT
Current Gain - Bandwidth Product
IC = 2.0 mA, VCE = 10 V
90
250
MHz
rb’Cc
Collector - Base Time Constant
VCE = 10 V, IC = 2.0 mA,
f = 31.9 MHz
150
pS
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%


Similar Part No. - 2N3859A

ManufacturerPart #DatasheetDescription
logo
GE Solid State
2N3859A GESS-2N3859A Datasheet
154Kb / 5P
   SILICON TRANSISTORS
logo
Central Semiconductor C...
2N3859A CENTRAL-2N3859A Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Fairchild Semiconductor
2N3859A FAIRCHILD-2N3859A Datasheet
59Kb / 3P
   NPN General Purpose Amplifier
logo
New Jersey Semi-Conduct...
2N3859A NJSEMI-2N3859A Datasheet
96Kb / 1P
   Silicon Transistors
logo
Fairchild Semiconductor
2N3859A FAIRCHILD-2N3859A_02 Datasheet
59Kb / 3P
   NPN General Purpose Amplifier
More results

Similar Description - 2N3859A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com