Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 2N3904
Description  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N3904 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  2N3904 Datasheet HTML 1Page - Fairchild Semiconductor 2N3904 Datasheet HTML 2Page - Fairchild Semiconductor 2N3904 Datasheet HTML 3Page - Fairchild Semiconductor 2N3904 Datasheet HTML 4Page - Fairchild Semiconductor 2N3904 Datasheet HTML 5Page - Fairchild Semiconductor 2N3904 Datasheet HTML 6Page - Fairchild Semiconductor 2N3904 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Characteristics
Base-Emitter ON Voltage vs
Collector Current
0.1
1
10
100
0.2
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT (mA)
C
V
= 5V
CE
25 °C
125 °C
- 40 °C
NPN General Purpose Amplifier
(continued)
Base-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT (mA)
C
β = 10
25 °C
125 °C
- 40 °C
Collector-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
0.05
0.1
0.15
I
- COLLECTOR CURRENT (mA)
25 °C
C
β = 10
125 °C
- 40 °C
Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
150
0.1
1
10
100
500
T - AMBIENT TEMPERATURE ( C)
A
V
= 30V
CB
°
Capacitance vs
Reverse Bias Voltage
0.1
1
10
100
1
2
3
4
5
10
REVERSE BIAS VOLTAGE (V)
C obo
C ibo
f = 1.0 MHz
Typical Pulsed Current Gain
vs Collector Current
0.1
1
10
100
0
100
200
300
400
500
I
- COLLECTOR CURRENT (mA)
- 40 °C
25 °C
C
V
= 5V
CE
125 °C


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
Diotec Semiconductor
2N3904 DIOTEC-2N3904 Datasheet
98Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
List of Unclassifed Man...
2N3904 ETC-2N3904 Datasheet
209Kb / 3P
   NPN Transistor TO-92
17/09/19 V1.0
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com