Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH5L04DEE Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH5L04DEE
Description  Turbo 2 ultrafast recovery diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5L04DEE Datasheet(HTML) 5 Page - STMicroelectronics

  STTH5L04DEE Datasheet HTML 1Page - STMicroelectronics STTH5L04DEE Datasheet HTML 2Page - STMicroelectronics STTH5L04DEE Datasheet HTML 3Page - STMicroelectronics STTH5L04DEE Datasheet HTML 4Page - STMicroelectronics STTH5L04DEE Datasheet HTML 5Page - STMicroelectronics STTH5L04DEE Datasheet HTML 6Page - STMicroelectronics STTH5L04DEE Datasheet HTML 7Page - STMicroelectronics STTH5L04DEE Datasheet HTML 8Page - STMicroelectronics STTH5L04DEE Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STTH5L04DEE
Package information
Doc ID 023261 Rev 1
5/8
2
Package information
Epoxy meets UL94,V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 13.
PowerFLAT (3.3 x 3.3) dimensions (definitions)
Table 6.
PowerFLAT (3.3 x 3.3) dimensions (values)
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.95
1.0
0.037
0.039
A3
0.2
0.008
b
0.29
0.34
0.39
0.011
0.013
0.015
D
3.20
3.30
3.40
0.126
0.130
0.134
D2
2.24
2.29
2.34
0.088
0.090
0.092
E
3.20
3.30
3.40
0.126
0.130
0.134
E2
1.66
1.71
1.76
0.065
0.067
0.069
e
0.65
0.026
L
0.40
0.016
L1
0.45
0.50
0.55
0.018
0.20
0.22
0.10 mm Ref.
D2
L
E2
L1
b
e
e/2
A
A3
E
E/2
D
D/2
a
k
k
a
Projection
Exposed pad
Index area
(D/2 x E/2)
0.10 mm Ref.
0.20 mm Ref.
nc
nc


Similar Part No. - STTH5L04DEE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH5L06 STMICROELECTRONICS-STTH5L06 Datasheet
49Kb / 5P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
November 2001 - Ed: 1A
STTH5L06 STMICROELECTRONICS-STTH5L06 Datasheet
145Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH5L06B STMICROELECTRONICS-STTH5L06B Datasheet
99Kb / 7P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
November 2002 - Ed: 4B
STTH5L06B STMICROELECTRONICS-STTH5L06B Datasheet
145Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH5L06B-TR STMICROELECTRONICS-STTH5L06B-TR Datasheet
99Kb / 7P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
November 2002 - Ed: 4B
More results

Similar Description - STTH5L04DEE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH4R06DEE STMICROELECTRONICS-STTH4R06DEE Datasheet
88Kb / 9P
   Turbo 2 ultrafast recovery diode
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
   Turbo 2 ultrafast high voltage rectifier
STTH2006 STMICROELECTRONICS-STTH2006 Datasheet
96Kb / 7P
   Turbo 2 ultrafast high voltage rectifierV
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com