Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH200W06TV1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH200W06TV1
Description  Turbo 2 ultrafast high voltage rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH200W06TV1 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH200W06TV1 Datasheet HTML 1Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 2Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 3Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 4Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 5Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 6Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 7Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 8Page - STMicroelectronics STTH200W06TV1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STTH200W06TV1
2/9
Doc ID 023612 Rev 1
1
Characteristics
When the two diodes 1 and 2 are used simultaneously:
T
j(diode 1) = P (diode 1) X Rth(j-c) (per diode) + P (diode 2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 1.0 x IF(AV) + 0.003 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values at Tj = 25 °C, unless otherwise specified, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
Forward rms current
Per diode
145
A
IF(peak)
Average forward current,
 = 0.2
Per diode Tc = 105 °C
200
A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
800
A
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
Table 3.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
0.7
°C/W
Total
0.4
Rth(c)
Coupling
0.1
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-30
µA
Tj = 125 °C
-
30
300
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 100 A
1.5
V
Tj = 150 °C
-
1
1.3
Tj = 25 °C
IF = 200 A
-1.75
Tj = 150 °C
-
1.25
1.60
1.
Pulse test: tp = 5 ms,  < 2%
2.
Pulse test: tp = 380 µs,  < 2%


Similar Part No. - STTH200W06TV1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH200W03TV1 STMICROELECTRONICS-STTH200W03TV1 Datasheet
95Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH200W04TV1 STMICROELECTRONICS-STTH200W04TV1 Datasheet
140Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
October 2012 Rev 2
More results

Similar Description - STTH200W06TV1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
   Turbo 2 ultrafast high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH6006W STMICROELECTRONICS-STTH6006W Datasheet
99Kb / 7P
   Turbo 2 ultrafast - high voltage rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com