Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5338RBCPZ-RL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5338RBCPZ-RL7
Description  Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5338RBCPZ-RL7 Datasheet(HTML) 5 Page - Analog Devices

  AD5338RBCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD5338RBCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD5338R
Rev. 0 | Page 5 of 28
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; 1.8 V ≤ VLOGIC ≤ 5.5 V; all specifications TMIN to TMAX, unless otherwise
noted. Guaranteed by design and characterization; not production tested.
Table 3.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments2
Output Voltage Settling Time
5
7
µs
¼ to ¾ scale settling to ±2 LSB
Slew Rate
0.8
V/µs
Digital-to-Analog Glitch Impulse
0.5
nV-sec
1 LSB change around major carry
Digital Feedthrough
0.13
nV-sec
Digital Crosstalk
0.1
nV-sec
Analog Crosstalk
0.2
nV-sec
DAC-to-DAC Crosstalk
0.3
nV-sec
Total Harmonic Distortion (THD)3
−80
dB
At ambient, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Output Noise Spectral Density
300
nV/√Hz
DAC code = midscale, 10 kHz; gain = 2
Output Noise
6
µV p-p
0.1 Hz to 10 Hz
Signal-to-Noise Ratio (SNR)
90
dB
At ambient, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Spurious-Free Dynamic Range (SFDR)
83
dB
At ambient, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Signal-to-Noise-and-Distortion Ratio (SINAD)
80
dB
At ambient, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz
1
See the Terminology section.
2
Temperature range is −40°C to +105°C, typical at 25°C.
3
Digitally generated sine wave at 1 kHz.


Similar Part No. - AD5338RBCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5338RBCPZ-RL7 AD-AD5338RBCPZ-RL7 Datasheet
1Mb / 27P
   Dual 10-Bit nanoDAC
More results

Similar Description - AD5338RBCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5316R AD-AD5316R Datasheet
1Mb / 24P
   Quad, 10-Bit nanoDAC Reference, I2C Interface
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com