Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5687BRUZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD5687BRUZ
Description  Dual, 16-/12-Bit nanoDAC with SPI Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5687BRUZ Datasheet(HTML) 5 Page - Analog Devices

  AD5687BRUZ Datasheet HTML 1Page - Analog Devices AD5687BRUZ Datasheet HTML 2Page - Analog Devices AD5687BRUZ Datasheet HTML 3Page - Analog Devices AD5687BRUZ Datasheet HTML 4Page - Analog Devices AD5687BRUZ Datasheet HTML 5Page - Analog Devices AD5687BRUZ Datasheet HTML 6Page - Analog Devices AD5687BRUZ Datasheet HTML 7Page - Analog Devices AD5687BRUZ Datasheet HTML 8Page - Analog Devices AD5687BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD5689/AD5687
Rev. 0 | Page 5 of 24
TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 2.
VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ 5.5 V; VREF = 2.5 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 4.
1.8 V ≤ VLOGIC <
2.7 V
2.7 V ≤ VLOGIC
5.5 V
Parameter1
Min
Max
Min
Max
Unit
Description
t1
33
20
ns
SCLK cycle time
t2
16
10
ns
SCLK high time
t3
16
10
ns
SCLK low time
t4
15
10
ns
SYNC to SCLK falling edge setup time
t5
5
5
ns
Data setup time
t6
5
5
ns
Data hold time
t7
15
10
ns
SCLK falling edge to SYNC rising edge
t8
20
20
ns
Minimum SYNC high time (update single channel or both channels)
t9
16
10
ns
SYNC falling edge to SCLK fall ignore
t10
25
15
ns
LDAC pulse width low
t11
30
20
ns
SCLK falling edge to LDAC rising edge
t12
20
20
ns
SCLK falling edge to LDAC falling edge
t13
30
30
ns
RESET minimum pulse width low
t14
30
30
ns
RESET pulse activation time
Power-Up Time
4.5
4.5
µs
Time that is required to exit power-down mode and enter
normal mode of operation; 24th clock edge to 90% of DAC
midscale value with output unloaded
1
Maximum SCLK frequency is 50 MHz at VDD = 2.7 V to 5.5 V, 2.7 V ≤ VLOGIC ≤ VDD. Guaranteed by design and characterization; not production tested.
Figure 2. Serial Write Operation
t4
t3
SCLK
SYNC
SDIN
t1
t2
t5
t6
t7
t8
DB23
t9
t10
t11
LDAC1
LDAC2
t12
1ASYNCHRONOUS LDAC UPDATE MODE.
2SYNCHRONOUS LDAC UPDATE MODE.
RESET
t13
t14
VOUTX
DB0


Similar Part No. - AD5687BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5687R AD-AD5687R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5687RBCPZ-RL7 AD-AD5687RBCPZ-RL7 Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5687RBRUZ AD-AD5687RBRUZ Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5687RBRUZ-RL7 AD-AD5687RBRUZ-RL7 Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
More results

Similar Description - AD5687BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5025 AD-AD5025_16 Datasheet
1Mb / 25P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
AD5683R AD-AD5683R Datasheet
882Kb / 28P
   Tiny 16-/14-/12-Bit SPI nanoDAC
AD5689 AD-AD5689_17 Datasheet
590Kb / 24P
   Dual, 16-/12-Bit nanoDAC
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5689R AD-AD5689R_17 Datasheet
851Kb / 28P
   Dual, 16-/12-Bit nanoDAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com