Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADAU7002Z Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-ADAU7002Z
Description  Stereo PDM-to-I2S or TDM Conversion IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAU7002Z Datasheet(HTML) 4 Page - Analog Devices

  EVAL-ADAU7002Z Datasheet HTML 1Page - Analog Devices EVAL-ADAU7002Z Datasheet HTML 2Page - Analog Devices EVAL-ADAU7002Z Datasheet HTML 3Page - Analog Devices EVAL-ADAU7002Z Datasheet HTML 4Page - Analog Devices EVAL-ADAU7002Z Datasheet HTML 5Page - Analog Devices EVAL-ADAU7002Z Datasheet HTML 6Page - Analog Devices EVAL-ADAU7002Z Datasheet HTML 7Page - Analog Devices EVAL-ADAU7002Z Datasheet HTML 8Page - Analog Devices EVAL-ADAU7002Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADAU7002
Data Sheet
Rev. 0 | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings apply at 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
IOVDD Supply Voltage
3.6 V
Input Voltage
3.6 V
ESD Susceptibility
4 kV
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−65°C to +165°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA (junction to air) is specified for the worst-case conditions,
that is, a device soldered in a circuit board for surface-mount
packages. θJA is determined according to JESD51-9 on a 4-layer
printed circuit board (PCB) with natural convection cooling.
Table 3. Thermal Resistance
Package Type
θJA
Unit
8-ball, 1.56 mm × 0.76 mm WLCSP
90
°C/W
ESD CAUTION


Similar Part No. - EVAL-ADAU7002Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADAU7118Z AD-EVAL-ADAU7118Z Datasheet
670Kb / 35P
   8-Channel, PDM to I2S/TDM Converter
Rev. A
More results

Similar Description - EVAL-ADAU7002Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU7002 AD-ADAU7002_16 Datasheet
365Kb / 16P
   Stereo PDM-to-I2S or TDM Conversion IC
ADAU7118 AD-ADAU7118 Datasheet
670Kb / 35P
   8-Channel, PDM to I2S/TDM Converter
Rev. A
logo
Texas Instruments
PCMD3140 TI-PCMD3140 Datasheet
4Mb / 107P
[Old version datasheet]   PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140 TI-PCMD3140_V01 Datasheet
4Mb / 106P
[Old version datasheet]   PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3180 TI1-PCMD3180 Datasheet
3Mb / 109P
[Old version datasheet]   PCMD3180 Octal-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140-Q1 TI-PCMD3140-Q1 Datasheet
5Mb / 111P
[Old version datasheet]   PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
APRIL 2022
PCMD3140-Q1 TI-PCMD3140-Q1_V01 Datasheet
5Mb / 111P
[Old version datasheet]   PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
REVISED SEPTEMBER 2022
logo
Synaptics Incorporated.
CX20873 CONEXANT-CX20873 Datasheet
621Kb / 2P
   Full duplex stereo I2S/PCM
logo
Shenzhen X-Powers Techn...
AC101 XPOWER-AC101 Datasheet
237Kb / 3P
   I2S/PCM Audio Interfaces Stereo CODEC
logo
Realtek Semiconductor C...
ALC5628 REALTEK-ALC5628 Datasheet
802Kb / 45P
   I2S/PCM STEREO DAC WITH HEADPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com