Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP196ACBZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP196ACBZ-R7
Description  5 V, 3 A, Logic Controlled High-Side Power Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP196ACBZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP196ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP196ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADP196
Data Sheet
Rev. 0 | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Typical Application Circuit ............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Diagram ........................................................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Resistance ...................................................................... 4
ESD Caution.................................................................................. 4
Pin Configurations and Function Descriptions ........................... 5
Typical Performance Characteristics ..............................................6
Theory of Operation .........................................................................9
Applications Information .............................................................. 10
Capacitor Selection .................................................................... 10
Ground Current.......................................................................... 10
Enable Feature ............................................................................ 10
Timing.......................................................................................... 11
Current-Limit and Thermal Overload Protection................. 11
Outline Dimensions....................................................................... 12
Ordering Guide .......................................................................... 12
REVISION HISTORY
3/13—Revision 0: Initial Version


Similar Part No. - ADP196ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP196 AD-ADP196 Datasheet
402Kb / 13P
   5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
More results

Similar Description - ADP196ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP196 AD-ADP196 Datasheet
402Kb / 13P
   5 V, 3 A, Logic Controlled High-Side Power Switch
REV. 0
ADP197 AD-ADP197 Datasheet
269Kb / 16P
   5 V, 3 A Logic Controlled High-Side Power Switch Mobile phones
REV. 0
ADP1196 AD-ADP1196 Datasheet
417Kb / 12P
   5 V, 3 A Logic Controlled High-Side or Low-Side Load Switch
REV. 0
ADP1290 AD-ADP1290 Datasheet
414Kb / 12P
   12 V, 2 A Logic Controlled High-Side Power Switch
logo
NXP Semiconductors
NX5P2924C PHILIPS-NX5P2924C Datasheet
465Kb / 20P
   Logic controlled high-side power switch
Rev. 1-7 July 2015
NX3P190 PHILIPS-NX3P190_15 Datasheet
990Kb / 14P
   Logic controlled high-side power switch
Rev. 5-14 January 2014
NX5P1100 NXP-NX5P1100 Datasheet
672Kb / 20P
   Logic controlled high-side power switch
Rev. 1 ??21 March 2014
NX5P2924 NXP-NX5P2924 Datasheet
305Kb / 17P
   Logic controlled high-side power switch
Rev. 1 ??24 February 2014
NX5P2924D NXP-NX5P2924D Datasheet
506Kb / 23P
   Logic controlled high-side power switch
Rev. 1.0 ??21 June 2022
NX3P191 NXP-NX3P191 Datasheet
1Mb / 15P
   Logic controlled high-side power switch
Rev. 2-4 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com