Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADT7X20EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-ADT7X20EBZ
Description  짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT7X20EBZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-ADT7X20EBZ Datasheet HTML 1Page - Analog Devices EVAL-ADT7X20EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADT7X20EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADT7X20EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADT7X20EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADT7X20EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADT7X20EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADT7X20EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADT7X20EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADT7420
Data Sheet
Rev. 0 | Page 4 of 24
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Shutdown Current
At 3.3 V
2.0
15
µA
Supply current in shutdown mode
At 5.5 V
5.2
25
µA
Supply current in shutdown mode
Power Dissipation Normal Mode
700
µW
VDD = 3.3 V, normal mode at 25°C
Power Dissipation 1 SPS
150
µW
Power dissipated for VDD = 3.3 V, TA = 25°C
1
Accuracy specification includes repeatability.
2
The equivalent 3 σ limits are ±0.15°C. This 3 σ specification is provided to enable comparison with other vendors who use these limits.
3
For higher accuracy at 5 V operation, contact Analog Devices, Inc.
4
Temperature Hysteresis does not include repeatability.
5
Based on a floating average of 10 readings.
6
Drift includes solder heat resistance and life time test performed as per JEDEC Standard JESD22-A108.


Similar Part No. - EVAL-ADT7X20EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADT7X20EBZ AD-EVAL-ADT7X20EBZ Datasheet
275Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
EVAL-ADT7X20EBZ AD-EVAL-ADT7X20EBZ Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
EVAL-ADT7X20EBZ AD-EVAL-ADT7X20EBZ Datasheet
423Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
EVAL-ADT7X20EBZ AD-EVAL-ADT7X20EBZ Datasheet
485Kb / 25P
   16-Bit Digital SPI Temperature Sensor
More results

Similar Description - EVAL-ADT7X20EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7320 AD-ADT7320 Datasheet
275Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
logo
Maxim Integrated Produc...
MAX31889 MAXIM-MAX31889 Datasheet
531Kb / 31P
   짹0.25째C Accurate I2C Temperature Sensor
2020
logo
Analog Devices
ADT7320 AD-ADT7320_11 Datasheet
423Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
Maxim Integrated Produc...
MAX30208 MAXIM-MAX30208 Datasheet
739Kb / 29P
   -0.1C Accurate, I2C Digital Temperature Sensor
Rev 1; 5/20
logo
Analog Devices
ADT7410 AD-ADT7410_17 Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_12 Datasheet
1Mb / 52P
   짹0.25째C Typical Accuracy Digital Temperature Sensor
11/29/11
MCP9804 MICROCHIP-MCP9804 Datasheet
839Kb / 54P
   짹0.25째C Typ. Accuracy Digital Temperature Sensor
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com