Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM3190BRQZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADuM3190BRQZ
Description  High Stability Isolated Error Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM3190BRQZ Datasheet(HTML) 1 Page - Analog Devices

  ADuM3190BRQZ Datasheet HTML 1Page - Analog Devices ADuM3190BRQZ Datasheet HTML 2Page - Analog Devices ADuM3190BRQZ Datasheet HTML 3Page - Analog Devices ADuM3190BRQZ Datasheet HTML 4Page - Analog Devices ADuM3190BRQZ Datasheet HTML 5Page - Analog Devices ADuM3190BRQZ Datasheet HTML 6Page - Analog Devices ADuM3190BRQZ Datasheet HTML 7Page - Analog Devices ADuM3190BRQZ Datasheet HTML 8Page - Analog Devices ADuM3190BRQZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Stability Isolated Error Amplifier
Data Sheet
ADuM3190
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Stable over time and temperature
0.5% initial accuracy
1% accuracy over the full temperature range
Compatible with Type II or Type III compensation networks
Reference voltage: 1.225 V
Compatible with DOSA
Low power operation: <7 mA total
Wide voltage supply range
VDD1: 3 V to 20 V
VDD2: 3 V to 20 V
Bandwidth: 400 kHz
Isolation voltage: 2.5 kV rms
Safety and regulatory approvals (pending)
UL recognition: 2500 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 560 V peak
Wide temperature range
−40°C to +125°C ambient operation
150°C maximum junction temperature
APPLICATIONS
Linear power supplies
Inverters
Uninterruptible Power Supply (UPS)
DOSA-compatible modules
Voltage monitors
GENERAL DESCRIPTION
The ADuM31901 is an isolated error amplifier based on Analog
Devices, Inc., iCoupler® technology. The ADuM3190 is ideal for
linear feedback power supplies. The primary side controllers of
the ADuM3190 enable improvements in transient response,
power density, and stability as compared to commonly used
optocoupler and shunt regulator solutions.
Unlike optocoupler-based solutions, which have an uncertain
current transfer ratio over lifetime and at high temperatures, the
ADuM3190 transfer function does not change over its lifetime
and it is stable over a wide temperature range of −40°C to +125°C.
Included in the ADuM3190 is a wideband operational amplifier
for a variety of commonly used power supply loop compensation
techniques. The ADuM3190 is fast enough to allow a feedback
loop to react to fast transient conditions and overcurrent condi-
tions. Also included is a high accuracy 1.225 V reference to
compare with the supply output setpoint.
The ADuM3190 is packaged in a small 16-lead QSOP package
for a 2.5 kV rms isolation voltage rating.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
1
Protected by U.S. Patents 5,952,849, 6,873,065 and 7,075,329. Other patents pending.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Tx
Rx
REF
REF
REG
REG
UVLO
UVLO
COMP
GND2
GND1
–IN
+IN
REFOUT
VDD1
GND1
VREG1
VDD2
GND2
VREG2
REFOUT1
NC
EAOUT2
EAOUT


Similar Part No. - ADuM3190BRQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM3190BRQZ AD-ADuM3190BRQZ Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190BRQZ AD-ADuM3190BRQZ Datasheet
628Kb / 19P
   High Stability Isolated Error Amplifier
ADuM3190BRQZ-RL7 AD-ADuM3190BRQZ-RL7 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190BRQZ-RL7 AD-ADuM3190BRQZ-RL7 Datasheet
628Kb / 19P
   High Stability Isolated Error Amplifier
More results

Similar Description - ADuM3190BRQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3190S AD-ADUM3190S_18 Datasheet
1Mb / 14P
   High Stability Isolated Error Amplifier
ADUM3190 AD-ADUM3190_13 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADUM4190 AD-ADUM4190_16 Datasheet
526Kb / 21P
   High Stability Isolated Error Amplifier
ADUM4190 AD-ADUM4190 Datasheet
478Kb / 9P
   High-stability Isolated Error Amplifier
Rev. PrA
ADUM3190 AD-ADUM3190_16 Datasheet
628Kb / 19P
   High Stability Isolated Error Amplifier
ADUM3190S AD-ADUM3190S Datasheet
365Kb / 15P
   High Stability Isolated Error Amplifier
Rev. G
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com