Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM5210ARSZ-RL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADuM5210ARSZ-RL7
Description  Dual-Channel Isolators with Integrated DC-to-DC Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM5210ARSZ-RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADuM5210ARSZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM5210ARSZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM5210ARSZ-RL7 Datasheet HTML 9Page - Analog Devices ADuM5210ARSZ-RL7 Datasheet HTML 10Page - Analog Devices ADuM5210ARSZ-RL7 Datasheet HTML 11Page - Analog Devices ADuM5210ARSZ-RL7 Datasheet HTML 12Page - Analog Devices ADuM5210ARSZ-RL7 Datasheet HTML 13Page - Analog Devices ADuM5210ARSZ-RL7 Datasheet HTML 14Page - Analog Devices ADuM5210ARSZ-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADuM5210/ADuM5211/ADuM5212
Rev. 0 | Page 11 of 24
ABSOLUTE MAXIMUM RATINGS
Ambient temperature = 25°C, unless otherwise noted.
Table 19.
Parameter
Rating
Storage Temperature (TST)
−55°C to +150°C
Ambient Operating Temperature (TA)
−40°C to +105°C
Supply Voltages (VDDP, VDD1, VDD2, VISO)1
−0.5 V to +7.0 V
VISO Supply Current2
TA = −40°C to +105°C
30 mA
Input Voltage (VIA, VIB, PDIS, VSEL)1, 3
−0.5 V to VDDI + 0.5 V
OutputVoltage (VOA,VOB )1,3
−0.5 V to VDDO + 0.5 V
Average Output Current Per Data
Output Pin4
−10 mA to +10 mA
Common-Mode Transients5
−100 kV/µs to +100 kV/µs
1
All voltages are relative to their respective ground.
2
The VISO provides current for dc and dynamic loads on the VISO I/O channels.
This current must be included when determining the total VISO supply
current. For ambient temperatures between 85°C and 105°C, maximum
allowed current is reduced.
3
VDDI and VDDO refer to the supply voltages on the input and output sides of a
given channel, respectively. See the PCB Layout section.
4
See Figure 2 for the maximum rated current values for various temperatures.
5
Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause latch-up
or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 20. Maximum Continuous Working Voltage
Supporting 50-Year Minimum Lifetime1
Parameter
Max
Unit
Applicable
Certification
AC Voltage
Bipolar Waveform
560
V peak
All certifications,
50-year operation
Unipolar Waveform
560
V peak
DC Voltage
|DC Peak Voltage|
560
V peak
1
Refers to the continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more information.
ESD CAUTION


Similar Part No. - ADuM5210ARSZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5210ARSZ-RL7 AD-ADUM5210ARSZ-RL7 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
More results

Similar Description - ADuM5210ARSZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5210 AD-ADUM5210_V01 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com