Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFM10 Datasheet(PDF) 1 Page - Qualiflow Therm

Part # AFM10
Description  MFCs & MFMs series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALIFLOW [Qualiflow Therm]
Direct Link  http://www.qualiflow.com
Logo QUALIFLOW - Qualiflow Therm

AFM10 Datasheet(HTML) 1 Page - Qualiflow Therm

  AFM10 Datasheet HTML 1Page - Qualiflow Therm AFM10 Datasheet HTML 2Page - Qualiflow Therm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
395, rue Louis Lépine - BP7 - 34935 Montpellier - Cedex 9 - France - sales@qualiflow.com - tel# (0)4 67 99 47 47 fax# (0)4 67 99 47 48
Mass flow controllers &
accessories
MFCs & MFMs series
AFC 50 / AFM 55
The traditional analog Qualiflow Therm AFC 50 and AFM 55 with elastomeric seals and magnetic
valve :
- Unique fast and reliable horizontal magnetic valve
- Low pressure drop option for TEOS SDC, TiCl4, etc… Using Large sensor diameter gives very low
pressure drop and defeats contamination and clogging
- Perfect flow splitting through special bypass design, giving optimal linearity and accuracy
AFC 50D / AFM 55D
The highest performances of digital P.C.B. combined with elastomeric seals on the Qualiflow
Therm AFC 50 D and AFM 55 D :
- Full potential of digital technology
- Low pressure drop option for TEOS SDC, TiCl4, etc..
- 100% compatible with analog AFC50
AFC 202 / AFM 302
For high flow from 30 slm to 250 slm, the traditional analog Qualiflow Therm AFC 202 and AFM
302 with elastomeric seals and magnetic valve :
- Unique fast and reliable horizontal magnetic valve
- Special pressure compensated stainless steel valve for ultra fast flow control
- No particle generation or entrapment
AFC 202D / AFM 302D
For high flow from 30 slm up to 250 slm, the highest performances of digital P.C.B. combined with
elastomeric seals on the Qualiflow Therm AFC 202D and AFM 302D :
- Full potential of digital technology
- Special pressure compensated stainless steel valve for ultra fast flow control
AFC 260 - 261 / AFM 360 - 361
The traditional analog Qualiflow Therm AFC 260 & 261 and AFM 360 & 361 with elastomeric
seals and reliable thermal valve :
-�� Compatible with other MFC
-� Economic design, simple construction
-� Possibility to regulate with external readout
AFM 10 & 11
A small flow meter designed to replace rotameter whenever an electrical signal of the flow
measurement is required :
- Low cost design, simple construction
- Small footprint
- Accuracy up to ±2% F.S.
Smart solutions to meet your needs
DeviceNet
-
Analog
-
Digital
-
ModBus
communication
MFC
Calibration
&
Retrofit
support
center
Gas systems solutions & manufacturing - Gas accessories
Special
MFC
configuration
upon
request
(metal
design...)
10sccm
-
25slm
10sccm
-
25slm
30sccm
-
250slm
30slm
-
250slm
10sccm
-
5slm
10slm
-
20slm
2slm
-
60slm
100slm
-
200slm


Similar Part No. - AFM10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AFM10 STMICROELECTRONICS-AFM10 Datasheet
89Kb / 4P
   ADAPTIVE FUZZY MODELLER
logo
American Electronic Com...
AFM10-301-M AEC-AFM10-301-M Datasheet
306Kb / 2P
   center tube connector
AFM10-302-M AEC-AFM10-302-M Datasheet
306Kb / 2P
   center tube connector
AFM10-303-M AEC-AFM10-303-M Datasheet
306Kb / 2P
   center tube connector
AFM10-304-M AEC-AFM10-304-M Datasheet
306Kb / 2P
   center tube connector
More results

Similar Description - AFM10

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com