Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD3C4M2PHE Datasheet(PDF) 6 Page - Dialight Corporation

Part # LSD3C4M2PHE
Description  SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LSD3C4M2PHE Datasheet(HTML) 6 Page - Dialight Corporation

  LSD3C4M2PHE Datasheet HTML 1Page - Dialight Corporation LSD3C4M2PHE Datasheet HTML 2Page - Dialight Corporation LSD3C4M2PHE Datasheet HTML 3Page - Dialight Corporation LSD3C4M2PHE Datasheet HTML 4Page - Dialight Corporation LSD3C4M2PHE Datasheet HTML 5Page - Dialight Corporation LSD3C4M2PHE Datasheet HTML 6Page - Dialight Corporation LSD3C4M2PHE Datasheet HTML 7Page - Dialight Corporation LSD3C4M2PHE Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SafeSite
® LED Linear Fixture
1Part Number
Length
Class I,
Div 1
Class I
Div 2
Class II,
Div 1
Class II,
Div 2
Class III,
Div 1
Class III,
Div 2
Voltage
Lens
Initial
Fixture
Lumens
1
Watt
Lumens
Per Watt
Class I, Div 2
LSD3C4M2PHE
4'
A / B / C / D
F / G
100 - 277V AC
Clear
7,000
67
104
LSD3C4M2P
4'
A / B / C / D
F / G
100 - 277V AC
Clear
7,250
78
93
LSD3C4H2D
4'
A / B / C / D
F / G
100 - 277V AC
Diffused
5,600
78
72
LSD3C5M2P
4'
A / B / C / D
F / G
347 - 480V AC
Clear
7,250
78
93
LSD3C5H2D
4'
A / B / C / D
F / G
347 - 480V AC
Diffused
5,600
78
72
LSD3C4D2PHE
2'
A / B / C / D
F / G
100 - 277V AC
Clear
3,500
34
103
LSD3C4D2P
2'
A / B / C / D
F / G
100 - 277V AC
Clear
3,600
39
92
LSD3C4B2D
2'
A / B / C / D
F / G
100 - 277V AC
Diffused
2,800
39
72
LSD3C5D2P
2'
A / B / C / D
F / G
347 - 480V AC
Clear
3,600
39
92
LSD3C5B2D
2'
A / B / C / D
F / G
347 - 480V AC
Diffused
2,800
39
72
LSF3C4D2P
2'
A / B / C / D
E / F / G
F / G
100 - 277V AC
Clear
3,600
39
92
LSF3C4M2P
4'
A / B / C / D
E / F / G
F / G
100 - 277V AC
Clear
7,250
78
93
LSF3C5D2P
2'
A / B / C / D
E / F / G
F / G
347 - 480V AC
Clear
3,600
39
92
LSF3C5M2P
4'
A / B / C / D
E / F / G
F / G
347 - 480V AC
Clear
7,250
78
93
Class i, Div 2 Battery Backup Version
2LSD3C4MEP
4'
A / B / C / D
F/G
100 - 277V AC
Clear
7,250
85
85
Part Number
Length
Class I,
Div 1
Class I
Div 2
Class II,
Div 1
Class II,
Div 2
Class III,
Div 1
Class III,
Div 2
Voltage
Lens
Initial
Fixture
Lumens
1
Watt
Lumens
Per Watt
Class I, Div 1
LSC3C4M3GEX
4’
100 - 277V AC
Clear
7,250
78
93
LSC3C5M3GEX
4’
347 - 480V AC
Clear
7,250
78
93
LSC3C4D3GEX
2’
100 - 277V AC
Clear
3,600
39
92
LSC3C5D3GEX
2’
347 - 480V AC
Clear
3,600
39
92
Add one of the following suffixes to the above Part Numbers for factory sealed and installed 10’
cabe and cable gland:
GS added for installed on one of the side entries (shown to the left)
GT added for installed on the top entry (not shown)
Ex. LSD3C4D2P becomes LSD3C4D2PGS
Add one of the following suffixes to the above Part Numbers for factory sealed and installed 10'
cable and 3/4" conduit fitting.:
CT added for installed on the top entry (shown to the left)
CS added for installed on one the side entries (not shown)
Ex. LSD3C4D2P becomes LSD3C4D2PCT
Notes:
1Part numbers listed in the above table are cool white. For neutral white version replace the 5th character with N. Ex. LSD3C4D2P becomes LSD3N4D2P
2450 Lumens in battery backup mode
Class 1 Div. 2 Wiring Configurations (Optional)
Class 1 Div. 2 Ording Information
Class 1 Div. 1 Ording Information
www.dialight.com


Similar Part No. - LSD3C4M2PHE

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
LSD3C4M2P DIALIGHT-LSD3C4M2P Datasheet
104Kb / 2P
   SafeSite Series LED Linear Fixture
LSD3C4M2P DIALIGHT-LSD3C4M2P Datasheet
177Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSD3C4M2P DIALIGHT-LSD3C4M2P Datasheet
182Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
More results

Similar Description - LSD3C4M2PHE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HZDFC2N ETC1-HZDFC2N Datasheet
1Mb / 12P
   SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
logo
Dialight Corporation
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX Datasheet
122Kb / 2P
   SafeSite Series LED Linear Fixture
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
104Kb / 2P
   SafeSite Series LED Linear Fixture
D164-B13-001 DIALIGHT-D164-B13-001 Datasheet
427Kb / 8P
   SafeSit짰 LED Signaling for Hazardous Locations
HBC9C3M DIALIGHT-HBC9C3M Datasheet
369Kb / 4P
   SafeSite Series LED High Bay Fixture
logo
Multi-Tech Systems, Inc...
86002235 MULTITECH-86002235 Datasheet
362Kb / 3P
   Industrial Cellular Router for Hazardous Locations
2021-08
logo
List of Unclassifed Man...
701912-C1I75 ETC2-701912-C1I75 Datasheet
772Kb / 2P
   LED lighting for Indoor & Outdoor
701912-C1I75 ETC2-701912-C1I75 Datasheet
772Kb / 2P
   LED lighting for Indoor & Outdoor
701956-5WL461 ETC2-701956-5WL461 Datasheet
218Kb / 1P
   Low-profile outdoor and indoor linear lighting
logo
Dialight Corporation
CDS-425-RGB-S-P DIALIGHT-CDS-425-RGB-S-P Datasheet
234Kb / 2P
   CD Series LED Linear RGB Fixture
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com