Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD3C4H2D Datasheet(PDF) 7 Page - Dialight Corporation

Part # LSD3C4H2D
Description  SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LSD3C4H2D Datasheet(HTML) 7 Page - Dialight Corporation

  LSD3C4H2D Datasheet HTML 1Page - Dialight Corporation LSD3C4H2D Datasheet HTML 2Page - Dialight Corporation LSD3C4H2D Datasheet HTML 3Page - Dialight Corporation LSD3C4H2D Datasheet HTML 4Page - Dialight Corporation LSD3C4H2D Datasheet HTML 5Page - Dialight Corporation LSD3C4H2D Datasheet HTML 6Page - Dialight Corporation LSD3C4H2D Datasheet HTML 7Page - Dialight Corporation LSD3C4H2D Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SafeSite
® LED Linear Fixture
Options and Accessories
Part Number
Description
Kit Includes
Class I, Div. 2 and Class i, Div 2 Battery Backup
LSXW4
Mounting bracket
Can be angled at 0°, 30°, 45°, 60° & 90°
Mounting bracket
Mounting hardware
LSXENDCAPKIT
Chain mount brackets
2 Mounting brackets
Mounting hardware
LSXBATREP1
Replacement Battery Kit
(for Battery Backup version only)
Batteries
Wiring
Connector
Class I, Div 1
LSXW5
Mounting bracket
Can be angled at 0°, 30°, 45°, 60° & 90°
Mounting bracket
Mounting hardware
All Models
HZXSTAN100S
1.00" Slip-Fit Stanchion Mount Junction Box
Junction box
Mounting hardware
HZXSTAN125S
1.25" Slip-Fit Stanchion Mount Junction Box
HZXSTAN150S
1.50" Slip-Fit Stanchion Mount Junction Box
HZXSTAN200S
2.00" Slip-Fit Stanchion Mount Junction Box
HZXSTAN100T
1.00" NPT Threaded Stanchion Mount Junction Box
HZXSTAN125T
1.25" NPT Threaded Stanchion Mount Junction Box
HZXSTAN150T
1.50" NPT Threaded Stanchion Mount Junction Box
HZXSTAN200T
2.00" NPT Threaded Stanchion Mount Junction Box
HZXSAFEKIT
Safety Cable Kit
2 Eyelets
2 53” Safety cables
Mounting hardware
www.dialight.com
MDTFSLINX001_D
Dialight reserves the right to make changes at any time in order to supply the best product possible. The most current version of this
document will always be available at: www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDTFSLINX001.pdf
Warranty Statement: EXCEPT FOR THE WARRANTY EXPRESSLY PROVIDED FOR [HEREIN/ABOVE/BELOW], DIALIGHT DISCLAIMS ANY AND ALL OTHER WARRANTIES, EXPRESS OR
IMPLIED, INCLUDING, WITHOUT LIMITATION, ANY WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, TITLE, AND NONINFRINGEMENT.


Similar Part No. - LSD3C4H2D

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
104Kb / 2P
   SafeSite Series LED Linear Fixture
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
177Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
182Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSD3C4D2P DIALIGHT-LSD3C4D2P_12 Datasheet
182Kb / 2P
   SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSD3C4M2P DIALIGHT-LSD3C4M2P Datasheet
104Kb / 2P
   SafeSite Series LED Linear Fixture
More results

Similar Description - LSD3C4H2D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HZDFC2N ETC1-HZDFC2N Datasheet
1Mb / 12P
   SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
logo
Dialight Corporation
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX Datasheet
122Kb / 2P
   SafeSite Series LED Linear Fixture
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
104Kb / 2P
   SafeSite Series LED Linear Fixture
D164-B13-001 DIALIGHT-D164-B13-001 Datasheet
427Kb / 8P
   SafeSit짰 LED Signaling for Hazardous Locations
HBC9C3M DIALIGHT-HBC9C3M Datasheet
369Kb / 4P
   SafeSite Series LED High Bay Fixture
logo
Multi-Tech Systems, Inc...
86002235 MULTITECH-86002235 Datasheet
362Kb / 3P
   Industrial Cellular Router for Hazardous Locations
2021-08
logo
List of Unclassifed Man...
701912-C1I75 ETC2-701912-C1I75 Datasheet
772Kb / 2P
   LED lighting for Indoor & Outdoor
701912-C1I75 ETC2-701912-C1I75 Datasheet
772Kb / 2P
   LED lighting for Indoor & Outdoor
701956-5WL461 ETC2-701956-5WL461 Datasheet
218Kb / 1P
   Low-profile outdoor and indoor linear lighting
logo
Dialight Corporation
CDS-425-RGB-S-P DIALIGHT-CDS-425-RGB-S-P Datasheet
234Kb / 2P
   CD Series LED Linear RGB Fixture
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com