Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5306 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 2N5306
Description  NPN Darlington Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5306 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2N5306 Datasheet HTML 1Page - Fairchild Semiconductor 2N5306 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPN Darlington Transistor
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC =10 mA, IB = 0
25
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 0.1
µA, I
E = 025V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 0.1
µA, I
C = 0
12
V
ICBO
Collector Cutoff Current
VCB = 25 V, IE = 0
VCB = 25 V, IE = 0, TA = 100
°C
0.1
20
µA
µA
IEBO
Emitter Cutoff Current
VEB = 12 V, IC = 0
0.1
µA
ON CHARACTERISTICS*
hFE
DC Current Gain
VCE = 5.0 V, IC = 2.0 mA
VCE = 5.0 V, IC = 100 mA
7,000
20,000
70,000
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 200 mA, IB = 0.2 mA
1.4
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 200 mA, IB = 0.2 mA
1.6
V
VBE(on)
Base-Emitter On Voltage
IC = 200 mA, VCE = 5.0 V
1.5
V
SMALL SIGNAL CHARACTERISTICS
Ccb
Collector-Base Capacitance
VCB = 10 V, f = 1.0 MHz
10
pF
hfe
Small-Signal Current Gain
IC =2.0 mA, VCE = 5.0 V,
f = 1.0 kHz
IC =2.0 mA, VCE = 5.0 V,
f = 10 MHz
7,000
6.0
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%


Similar Part No. - 2N5306

ManufacturerPart #DatasheetDescription
logo
GE Solid State
2N5306 GESS-2N5306 Datasheet
126Kb / 4P
   SILICON DARLINGTON TRANSISTORS
logo
Central Semiconductor C...
2N5306 CENTRAL-2N5306 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
58Kb / 4P
   NPN Darlington Transistor
logo
New Jersey Semi-Conduct...
2N5306 NJSEMI-2N5306 Datasheet
120Kb / 1P
   SILICON TRANSISTORS
2N5306 NJSEMI-2N5306 Datasheet
158Kb / 1P
   SPRINGFIELD, NEW JERSEY 07091
More results

Similar Description - 2N5306

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
   NPN Darlington Transistor
logo
Chenmko Enterprise Co. ...
CHBTA13PT CHENMKO-CHBTA13PT Datasheet
70Kb / 2P
   NPN Darlington Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com