Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VWRBS2-D5-S3.3-SIP Datasheet(PDF) 4 Page - CUI INC

Part # VWRBS2-D5-S3.3-SIP
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRBS2-D5-S3.3-SIP Datasheet(HTML) 4 Page - CUI INC

  VWRBS2-D5-S3.3-SIP Datasheet HTML 1Page - CUI INC VWRBS2-D5-S3.3-SIP Datasheet HTML 2Page - CUI INC VWRBS2-D5-S3.3-SIP Datasheet HTML 3Page - CUI INC VWRBS2-D5-S3.3-SIP Datasheet HTML 4Page - CUI INC VWRBS2-D5-S3.3-SIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VWRBS2 │ DESCRIPTION: DC-DC CONVERTER
date
09/10/2012 │ page 4 of 5
1.
CTRL Terminal
When open or high impedance,the converter work well; When this pin is ‘high’; the converter shutdown; It should be note that the
input current (Ic) should between 5-10mA, exceeding the maximum 20mA will cause permanence damage to the converter. The value
of R Can be derived as follows :
2.
Recommended Circuit
If you want to further decrease the input/output ripple, an “LC” filtering network may be connected to the input and output ends of
the DC/DC converter, see (Figure 1).
However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise.
For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees
(Table 1).
3.
Input
Current
While using unstable power source, please ensure the output voltage and ripple voltage do not excced indexes of the converter. The
preceding power source must be able to provide for converter sufficient starting current Ipy.
General: Ip ≤1.4*Iin-max
4.
No parallel connection or plug and play
+V o
0V
Co ut
6
7
8
Cs
Cin
Vi n
GND
2
1
3
Vc
R
Li n
Ic
D1
Vin
(Vdc)
Cout
(μF)
3.3
2,200
5
1,000
9
820
12
680
15
560
24
470
Table 1
APPLICATION NOTES
Input Voltage (V)
Inp ut Voltage
Ra nge
Ip
R=
V
C-VD-1.0
I
C
Figure 1
Cin
5, 12 V
24, 48 V
100 μF
10 ~ 22 μF
Lin
--
4.7 ~ 120 μH
Cout
--
100 μF (typ)
Lout
--
2.2 ~ 10 μH
Cs
--
10 ~ 22 μF


Similar Part No. - VWRBS2-D5-S3.3-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VWRBS2-D5-S3.3-SIP CUI-VWRBS2-D5-S3.3-SIP Datasheet
202Kb / 3P
   dc-dc converter
More results

Similar Description - VWRBS2-D5-S3.3-SIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com