Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VWQBS2-Q48-S12-SIP Datasheet(PDF) 1 Page - CUI INC

Part # VWQBS2-Q48-S12-SIP
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWQBS2-Q48-S12-SIP Datasheet(HTML) 1 Page - CUI INC

  VWQBS2-Q48-S12-SIP Datasheet HTML 1Page - CUI INC VWQBS2-Q48-S12-SIP Datasheet HTML 2Page - CUI INC VWQBS2-Q48-S12-SIP Datasheet HTML 3Page - CUI INC VWQBS2-Q48-S12-SIP Datasheet HTML 4Page - CUI INC VWQBS2-Q48-S12-SIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
09/10/2012
page
1 of 5
SERIES:
VWQBS2-SIP │ DESCRIPTION: DC-DC CONVERTER
date
09/10/2012
page
1 of 5
FEATURES
• 2 W isolated output
• wide input (4:1)
• industry standard 9 pin SIP package
• single unregulated outputs
• 1,500 V isolation
• short circuit protection
• wide temperature (-40~85°C)
• efficiency up to 79%
RoHS
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
VWQBS2-Q24-S3.3-SIP
24
9.0~36.0
3.3
50
500
2
150
68
VWQBS2-Q24-S5-SIP
24
9.0~36.0
5
40
400
2
150
76
VWQBS2-Q24-S9-SIP
24
9.0~36.0
9
22
222
2
150
78
VWQBS2-Q24-S12-SIP
24
9.0~36.0
12
16
167
2
150
79
VWQBS2-Q24-S15-SIP
24
9.0~36.0
15
13
133
2
150
79
VWQBS2-Q48-S3.3-SIP
48
18.0~72.0
3.3
50
500
2
150
72
VWQBS2-Q48-S5-SIP
48
18.0~72.0
5
40
400
2
150
75
VWQBS2-Q48-S9-SIP
48
18.0~72.0
9
22
222
2
150
76
VWQBS2-Q48-S12-SIP
48
18.0~72.0
12
16
167
2
150
78
VWQBS2-Q48-S15-SIP
48
18.0~72.0
15
13
133
2
150
79
Notes:
1. ripple and noise are measured at 20 MHz BW
VWQBS2 - SXX - SXX -SIP
Input Voltage
Output Voltage
Base Number
Packaging Style


Similar Part No. - VWQBS2-Q48-S12-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VWQBS2-Q48-S12-SIP CUI-VWQBS2-Q48-S12-SIP Datasheet
175Kb / 3P
   DC-DC Converter
More results

Similar Description - VWQBS2-Q48-S12-SIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com