Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1419106-2 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 2-1419106-2
Description  KUP Enclosed Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1419106-2 Datasheet(HTML) 6 Page - Tyco Electronics

  2-1419106-2 Datasheet HTML 1Page - Tyco Electronics 2-1419106-2 Datasheet HTML 2Page - Tyco Electronics 2-1419106-2 Datasheet HTML 3Page - Tyco Electronics 2-1419106-2 Datasheet HTML 4Page - Tyco Electronics 2-1419106-2 Datasheet HTML 5Page - Tyco Electronics 2-1419106-2 Datasheet HTML 6Page - Tyco Electronics 2-1419106-2 Datasheet HTML 7Page - Tyco Electronics 2-1419106-2 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Terminal Dimensions
.110" (2.79mm)
.205" (5.21mm)
.250" (6.35mm)
Quick ConnectQuick Connect
Quick Connect
PC Board Layouts (Bottom Views)
.109
(2.77)
.110
(2.79)
.035
(.89)
.280
(7.11)
.311 REF.
(7.90)
HEADER
.034
(.86)
THICKNESS
.032
(.81)
.205
± .002
(5.21
± .05)
.156
(3.96)
.093
(2.36)
.285
(7.24)
.316 REF.
(8.03)
.032
(.81)
THICKNESS
HEADER
.035
(.89)
.156
(3.96)
.032
(.81)
THICKNESS
.093
(2.36)
HEADER
.237
(6.02)
.268 REF.
(6.81)
.047
(1.19)
.180
(4.57)
.156
(3.96)
.125
(3.18)
.078
(1.98)
.187 ± .002
(4.75 ± .05)
.250
(6.35)
.281 REF.
(7.14)
THICKNESS
.020
(.51)
HEADER
.358 REF.
(9.09)
.070 DIA.
(1.78)
.035
(.89)
.250
± .0 03
(6.35
± .08)
HEADER
.305
(7.75)
.312
(7.92)
.134
(3.40)
THICKNESS .032
(0.81)
4
6
A
B
A
B
7
5
2
A
B
7
4
9
6
7
4
A
B
1
9
6
3
A
B
7
4
1
9
6
3
8
5
2
A
B
9
1
5
10
2
6
11
7
3
4
8
12
+
+
+
+
+
.626
(15.90)
.328
(8.33)
.437
(11.10)
.875
(22.23)
.076 DIA. TYP.
(1.93)
.206
(5.23)
.328
(8.33)
.510
(12.95)
.170
(4.32)
.076 DIA. TYP.
(1.93)
.626
(15.90)
.340
(8.64)
1.020
(25.91)
.206
(5.23)
*1 Form X
1 Form X
3 Pole Models
4 Pole Models
1 Form C
*2 Form A
*Recommended Load Polarity for Optimum Arc Suppression.
*2 Form C
3 Form C
4 Form C
Relay Front Diagrams
Relays With
1-3 Pole Relays
.250" (6.35mm) Terminals
4 Pole Relays
1.406 MAX.
(35.71)
1.531 MAX.
(38.89)
1
2
3
4
5
6
7
8
9
A
B
1
2
3
4
5
6
7
9
A
B
1.406 MAX.
(35.71)
1.531 MAX.
(38.89)
1
2
3
4
A
B
5
6
7
8
9
10
11
12
1.406 MAX.
(35.71)
1.531 MAX.
(38.89)
1
2
3
4
Wiring Diagrams
Printed
Circuit
.187” (4.75mm)
Quick Connect
Note: All drawings shown oversize.
Outline Dimensions (Continued)
.875
(22.23)
.626
(15.90)
.076 DIA. TYP.
(1.93)


Similar Part No. - 2-1419106-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419106-0 MACOM-2-1419106-0 Datasheet
185Kb / 3P
   K10 Series Miniature Relay
2-1419106-1 MACOM-2-1419106-1 Datasheet
185Kb / 3P
   K10 Series Miniature Relay
2-1419106-3 MACOM-2-1419106-3 Datasheet
346Kb / 3P
   KRPA Series Panel Plug-in Relay
2-1419106-4 MACOM-2-1419106-4 Datasheet
346Kb / 3P
   KRPA Series Panel Plug-in Relay
2-1419106-5 MACOM-2-1419106-5 Datasheet
1Mb / 5P
   KUP Series Panel Plug-in Relay
More results

Similar Description - 2-1419106-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393117-5 MACOM-2-1393117-5 Datasheet
1Mb / 5P
   KUP Series Panel Plug-in Relay
2-1419106-5 MACOM-2-1419106-5 Datasheet
1Mb / 5P
   KUP Series Panel Plug-in Relay
2-1393118-1 MACOM-2-1393118-1 Datasheet
1Mb / 5P
   KUP Series Panel Plug-in Relay
2-1393118-8 MACOM-2-1393118-8 Datasheet
1Mb / 5P
   KUP Series Panel Plug-in Relay
2-1393117-7 MACOM-2-1393117-7 Datasheet
1Mb / 5P
   KUP Series Panel Plug-in Relay
2-1393117-9 MACOM-2-1393117-9 Datasheet
1Mb / 5P
   KUP Series Panel Plug-in Relay
2-1393118-4 MACOM-2-1393118-4 Datasheet
1Mb / 5P
   KUP Series Panel Plug-in Relay
KUP-11A15-24 MACOM-KUP-11A15-24 Datasheet
1Mb / 5P
   KUP Series Panel Plug-in Relay
KUP-14D15-24 MACOM-KUP-14D15-24 Datasheet
1Mb / 5P
   KUP Series Panel Plug-in Relay
2-1393118-9 MACOM-2-1393118-9 Datasheet
1Mb / 5P
   KUP Series Panel Plug-in Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com