Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5771 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 2N5771
Description  PNP Switching Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N5771 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  2N5771 Datasheet HTML 1Page - Fairchild Semiconductor 2N5771 Datasheet HTML 2Page - Fairchild Semiconductor 2N5771 Datasheet HTML 3Page - Fairchild Semiconductor 2N5771 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
N
Discrete POWER & Signal
Technologies
NPN Darlington Transistor
This device is designed for applications requiring extremely
high current gain at collector currents to 1.0 A. Sourced from
Process 05. See MPSA14 for characteristics.
2N6427
MMBT6427
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
12
V
IC
Collector Current - Continuous
1.2
A
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
2N6427
*MMBT6427
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
°C/W
C
B
E
TO-92
C
B
E
SOT-23
Mark: 1V
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."


Similar Part No. - 2N5771

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N5771 CENTRAL-2N5771 Datasheet
65Kb / 1P
   PMP SILICON SWITCHING TRANSISTORS
2N5771 CENTRAL-2N5771 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
Fairchild Semiconductor
2N5771 FAIRCHILD-2N5771 Datasheet
473Kb / 10P
   PNP Switching Transistor
logo
New Jersey Semi-Conduct...
2N5771 NJSEMI-2N5771 Datasheet
82Kb / 1P
   SATURATED SWIRCHES
2N5771 NJSEMI-2N5771 Datasheet
191Kb / 2P
   PNP ULTRA HIGH SPEED SATURATED LOGIC SWITCHES
More results

Similar Description - 2N5771

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com