Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1437397-8 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2-1437397-8
Description  CONTACT SECTION W/ FUSE PULLER & TUBULAR CONTACT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1437397-8 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1437397-8 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2-1437397-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437397-0 MACOM-2-1437397-0 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-4 MACOM-2-1437397-4 Datasheet
43Kb / 1P
   END SECTION FUSE & SWITCH BLOCKS FLAT BASE
2-1437397-5 MACOM-2-1437397-5 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-6 MACOM-2-1437397-6 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-7 MACOM-2-1437397-7 Datasheet
303Kb / 8P
   Fuse & Switch
More results

Similar Description - 2-1437397-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437392-3 MACOM-2-1437392-3 Datasheet
35Kb / 1P
   CONTACT SECTION AND TUBULAR CONTACT ASSY. MIN TERM BLOCK
logo
Littelfuse
00970026XP LITTELFUSE-00970026XP Datasheet
169Kb / 1P
   maxi fuse puller
logo
Weidmuller
7940022563 WEIDMULLER-7940022563 Datasheet
333Kb / 8P
   W-Series, Fuse terminal, Rated cross-section: 4
November 9, 2021
1014200000 WEIDMULLER-1014200000 Datasheet
615Kb / 14P
   W-Series, Fuse terminal, Rated cross-section: 6mm짼
October 4, 2021
1014100000 WEIDMULLER-1014100000 Datasheet
626Kb / 13P
   W-Series, Fuse terminal, Rated cross-section: 6mm짼
September 30, 2021
logo
American Zettler, Inc.
AZ9731F AZETTLER-AZ9731F Datasheet
564Kb / 2P
   30 Amp contact rating (30A Fuse)
logo
Weidmuller
1012200000 WEIDMULLER-1012200000 Datasheet
645Kb / 15P
   W-Series, Fuse terminal, Rated cross-section: 6mm짼, Screw connection
October 6, 2021
logo
PHOENIX CONTACT
1423646 PHOENIX-1423646 Datasheet
60Kb / 2P
   Crimp contact, contact diameter: 1 mm, turned, Socket, contact material: CuZn, contact surface: Ni/Au, connection cross section: 0.34 mm짼 ... 1 mm짼 AWG 22 ... 18
1705625 PHOENIX-1705625 Datasheet
53Kb / 3P
   Single contact - PV-PTSPL-W/1L
logo
List of Unclassifed Man...
P226500 ETC2-P226500 Datasheet
128Kb / 1P
   PROBE BODY W/4MM CONTACT TIP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com