Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YGUR302TM Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # YGUR302TM
Description  Surface-mounted chip LED device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

YGUR302TM Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button YGUR302TM_12 Datasheet HTML 3Page - Seoul Semiconductor YGUR302TM_12 Datasheet HTML 4Page - Seoul Semiconductor YGUR302TM_12 Datasheet HTML 5Page - Seoul Semiconductor YGUR302TM_12 Datasheet HTML 6Page - Seoul Semiconductor YGUR302TM_12 Datasheet HTML 7Page - Seoul Semiconductor YGUR302TM_12 Datasheet HTML 8Page - Seoul Semiconductor YGUR302TM_12 Datasheet HTML 9Page - Seoul Semiconductor YGUR302TM_12 Datasheet HTML 10Page - Seoul Semiconductor YGUR302TM_12 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.0.0)
Rev. 02
Rev. 02
January 2012
January 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
5. Reliability Test
0/22
1 time
85
℃, 85% 24hrs
Reflow 3 times
(Max 260
℃ 10sec)
Thermal shock
30 cycle
Thermal
resistance
Test
0/22
500 hrs
20mA, @60
℃,90%
Operating at High
temperature
/ High humidity
0/22
500 hrs
20mA, @85
Operating at High
temperature
0/22
100 cycle
-40~85
℃ Shift (2hr/cycle)
Thermal shock
test
0/22
500 hrs
20mA, @25
Operating at
Room
temperature
Number Of
Damaged
Duration
/ Cycle
Test Conditions
Item
*Criterion
Initial value ± 0.1V
V
F
> Initial value * 0.5
Iv
OK
MSL : 2a (30
℃, 60% : 4 weeks)


Similar Part No. - YGUR302TM_12

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
YGUR302TM SEOUL-YGUR302TM Datasheet
310Kb / 9P
   Surface-mounted and leadless chip LED device
More results

Similar Description - YGUR302TM_12

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
YG202 SEOUL-YG202 Datasheet
277Kb / 13P
   Surface-mounted chip LED device
THBTGFR5210-CE SEOUL-THBTGFR5210-CE Datasheet
1Mb / 15P
   Surface-mounted chip LED device
FCW321G SEOUL-FCW321G Datasheet
1Mb / 16P
   Surface-mounted chip LED device
FR2001H-D SEOUL-FR2001H-D Datasheet
661Kb / 11P
   Surface-mounted chip LED device
YG104-ICH SEOUL-YG104-ICH Datasheet
276Kb / 13P
   Surface-mounted chip LED device
YGFR411-H SEOUL-YGFR411-H_12 Datasheet
308Kb / 13P
   Surface-mounted chip LED device
YG104-IC1 SEOUL-YG104-IC1_12 Datasheet
276Kb / 13P
   Surface-mounted chip LED device
FR2001H-T SEOUL-FR2001H-T Datasheet
660Kb / 11P
   Surface-mounted chip LED device
HBFR113-S SEOUL-HBFR113-S Datasheet
641Kb / 13P
   Surface-mounted chip LED device
WH2001 SEOUL-WH2001 Datasheet
734Kb / 16P
   Surface-mounted chip LED device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com