Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7202-40 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7202-40
Description  40 dB Fixed Attenuator, N Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7202-40 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7202-40 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7202-40 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7202-40 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Size
Length, in [mm]
4.9 [124.46]
Width, in [mm]
3.8 [96.52]
Height, in [mm]
2.7 [68.58]
.
Weight, lbs [Kg]
3 [1.36]
Connector 1
Type
N Female
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Stainless Steel, Passivated
Connector 2
Type
7/16 DIN Male
Contact Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Silver
Body Material and Plating
Brass, Silver
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/40db-fixed-n-female-7-16-male-100-watts-attenuator-pe7202-40-p.aspx
40 dB Fixed Attenuator, N Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz from Pasternack Enterprises
hassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberopticproductsmaintaina99%
availability and are part of the broadest selection in the industry.
40 dB Fixed Attenuator, N Female To 7/16 DIN Male
Directional Rated To 100 Watts Up To 6 GHz
PE7202-40
PE7202-40 REV NC


Similar Part No. - PE7202-40

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7202-10 PASTERNACK-PE7202-10 Datasheet
383Kb / 3P
   10 dB Fixed Attenuator, N Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz
PE7202-20 PASTERNACK-PE7202-20 Datasheet
383Kb / 3P
   20 dB Fixed Attenuator, N Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz
PE7202-3 PASTERNACK-PE7202-3 Datasheet
383Kb / 3P
   3 dB Fixed Attenuator, N Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz
PE7202-30 PASTERNACK-PE7202-30 Datasheet
383Kb / 3P
   30 dB Fixed Attenuator, N Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz
PE7202-50 PASTERNACK-PE7202-50 Datasheet
383Kb / 3P
   50 dB Fixed Attenuator, N Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz
More results

Similar Description - PE7202-40

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7207-40 PASTERNACK-PE7207-40 Datasheet
383Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Female To N Male Directional Rated To 100 Watts Up To 6 GHz
PE7211-40 PASTERNACK-PE7211-40 Datasheet
383Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Male To N Female Directional Rated To 100 Watts Up To 6 GHz
PE7205-40 PASTERNACK-PE7205-40 Datasheet
383Kb / 3P
   40 dB Fixed Attenuator, N Male To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
PE7201-40 PASTERNACK-PE7201-40 Datasheet
383Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz
PE7203-40 PASTERNACK-PE7203-40 Datasheet
383Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
PE7206-40 PASTERNACK-PE7206-40 Datasheet
389Kb / 3P
   40 dB Fixed Attenuator, N Female To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
PE7212-40 PASTERNACK-PE7212-40 Datasheet
383Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Female To N Female Directional Rated To 100 Watts Up To 6 GHz
PE7204-40 PASTERNACK-PE7204-40 Datasheet
382Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
PE7202-6 PASTERNACK-PE7202-6 Datasheet
383Kb / 3P
   6 dB Fixed Attenuator, N Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz
PE7207-6 PASTERNACK-PE7207-6 Datasheet
388Kb / 3P
   6 dB Fixed Attenuator, 7/16 DIN Female To N Male Directional Rated To 100 Watts Up To 6 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com