Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7218-40 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7218-40
Description  40 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 100 Watts Up To 6 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7218-40 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7218-40 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7218-40 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7218-40 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Size
Length, in [mm]
4.9 [124.46]
Width, in [mm]
3.8 [96.52]
Height, in [mm]
2.7 [68.58]
.
Weight, lbs [Kg]
3 [1.36]
Connector 1
Type
TNC Female
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Stainless Steel, Passivated
Connector 2
Type
N Female
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Stainless Steel, Passivated
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/40db-fixed-tnc-female-n-female-100-watts-attenuator-pe7218-40-p.aspx
40 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 100 Watts Up To 6 GHz from Pasternack Enterprises
hassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberopticproductsmaintaina99%
availability and are part of the broadest selection in the industry.
40 dB Fixed Attenuator, TNC Female To N Female
Directional Rated To 100 Watts Up To 6 GHz
PE7218-40
PE7218-40 REV NC


Similar Part No. - PE7218-40

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7218-10 PASTERNACK-PE7218-10 Datasheet
383Kb / 3P
   10 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 100 Watts Up To 6 GHz
PE7218-20 PASTERNACK-PE7218-20 Datasheet
383Kb / 3P
   20 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 100 Watts Up To 6 GHz
PE7218-3 PASTERNACK-PE7218-3 Datasheet
383Kb / 3P
   3 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 100 Watts Up To 6 GHz
PE7218-30 PASTERNACK-PE7218-30 Datasheet
383Kb / 3P
   30 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 100 Watts Up To 6 GHz
PE7218-50 PASTERNACK-PE7218-50 Datasheet
383Kb / 3P
   50 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 100 Watts Up To 6 GHz
More results

Similar Description - PE7218-40

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7242-40 PASTERNACK-PE7242-40 Datasheet
382Kb / 3P
   40 dB Fixed Attenuator, TNC Female To TNC Female Directional Rated To 100 Watts Up To 6 GHz
PE7238-40 PASTERNACK-PE7238-40 Datasheet
383Kb / 3P
   40 dB Fixed Attenuator, N Female To TNC Female Directional Rated To 100 Watts Up To 6 GHz
PE7242-6 PASTERNACK-PE7242-6 Datasheet
383Kb / 3P
   6 dB Fixed Attenuator, TNC Female To TNC Female Directional Rated To 100 Watts Up To 6 GHz
PE7218-6 PASTERNACK-PE7218-6 Datasheet
383Kb / 3P
   6 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 100 Watts Up To 6 GHz
PE7238-6 PASTERNACK-PE7238-6 Datasheet
383Kb / 3P
   6 dB Fixed Attenuator, N Female To TNC Female Directional Rated To 100 Watts Up To 6 GHz
PE7230-40 PASTERNACK-PE7230-40 Datasheet
382Kb / 3P
   40 dB Fixed Attenuator, TNC Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz
PE7240-40 PASTERNACK-PE7240-40 Datasheet
382Kb / 3P
   40 dB Fixed Attenuator, SMA Female To TNC Female Directional Rated To 100 Watts Up To 6 GHz
PE7234-40 PASTERNACK-PE7234-40 Datasheet
382Kb / 3P
   40 dB Fixed Attenuator, TNC Female To TNC Male Directional Rated To 100 Watts Up To 6 GHz
PE7241-40 PASTERNACK-PE7241-40 Datasheet
382Kb / 3P
   40 dB Fixed Attenuator, TNC Male To TNC Female Directional Rated To 100 Watts Up To 6 GHz
PE7217-40 PASTERNACK-PE7217-40 Datasheet
383Kb / 3P
   40 dB Fixed Attenuator, TNC Male To N Female Directional Rated To 100 Watts Up To 6 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com