Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6766 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 2N6766
Description  N-Channel Power MOSFETs, 30A, 150V/200V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N6766 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2N6766 Datasheet HTML 1Page - Fairchild Semiconductor 2N6766 Datasheet HTML 2Page - Fairchild Semiconductor 2N6766 Datasheet HTML 3Page - Fairchild Semiconductor 2N6766 Datasheet HTML 4Page - Fairchild Semiconductor 2N6766 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image


Similar Part No. - 2N6766

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
2N6766 IXYS-2N6766 Datasheet
49Kb / 1P
   High Voltage Power MOSFET Die N-Channel Enhancement Mode High Ruggedness Series
logo
Microsemi Corporation
2N6766 MICROSEMI-2N6766 Datasheet
244Kb / 5P
   N-CHANNEL MOSFET
2N6766 MICROSEMI-2N6766 Datasheet
256Kb / 5P
   N-CHANNEL MOSFET
2N6766 MICROSEMI-2N6766 Datasheet
256Kb / 5P
   N-CHANNEL MOSFET
2N6766 MICROSEMI-2N6766 Datasheet
257Kb / 5P
   N-CHANNEL MOSFET
More results

Similar Description - 2N6766

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6757 FAIRCHILD-2N6757 Datasheet
141Kb / 5P
   N-Channel Power MOSFETs, 9A, 150V/200V
logo
Thinki Semiconductor Co...
IRFP250NPBF THINKISEMI-IRFP250NPBF Datasheet
2Mb / 8P
   ThinkiSemi 200V,30A N-Channel Planar Process Power MOSFETs
IRFP250MPBF THINKISEMI-IRFP250MPBF Datasheet
4Mb / 8P
   ThinkiSemi 200V,30A N-Channel Planar Process Power MOSFETs
IRFP250N THINKISEMI-IRFP250N Datasheet
2Mb / 8P
   ThinkiSemi 200V,30A N-Channel Planar Process Power MOSFETs
IRFP250M THINKISEMI-IRFP250M Datasheet
2Mb / 8P
   ThinkiSemi 200V,30A N-Channel Planar Process Power MOSFETs
logo
Unisonic Technologies
30N20 UTC-30N20 Datasheet
131Kb / 3P
   30A, 200V N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK80N15P FS-FTK80N15P Datasheet
929Kb / 5P
   150V N-Channel MOSFETs
FTK30N15D FS-FTK30N15D Datasheet
1Mb / 5P
   150V N-Channel MOSFETs
FTK30N15P FS-FTK30N15P Datasheet
1Mb / 5P
   150V N-Channel MOSFETs
logo
Shindengen Electric Mfg...
P32FG15SL SHINDENGEN-P32FG15SL Datasheet
1Mb / 7P
   Power MOSFETs 150V, 32A, N-channel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com