Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C512R-45JU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27C512R-45JU
Description  512K (64K x 8) One-time Programmable, Read-only Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C512R-45JU Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27C512R-45JU Datasheet HTML 1Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 2Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 3Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 4Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 5Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 6Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 7Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 8Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
0015P–EPROM–10/11
Atmel AT27C512R
Table 5-3.
DC and operating characteristics for read operation
Note:
1. V
CC must be applied simultaneously with or before OE/VPP, and removed simultaneously with or after OE/VPP.
Table 5-4.
AC characteristics for read operation
Note:
1. See AC waveforms for read operation.
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input load current
V
IN = 0V to VCC
Ind.
±1
µA
Auto.
±5
µA
I
LO
Output leakage current
V
OUT = 0V to VCC
Ind.
±5
µA
Auto.
±10
µA
I
SB
V
CC
(1) standby current
I
SB1 (CMOS), CE = VCC
0.3V
100
µA
I
SB2 (TTL), CE = 2.0 to VCC
 0.5V
1
mA
I
CC
V
CC active current
f = 5MHz, I
OUT = 0mA, CE = VIL
20
mA
V
IL
Input low voltage
-0.6
0.8
V
V
IH
Input high voltage
2.0
V
CC + 0.5
V
V
OL
Output low voltage
I
OL = 2.1mA
0.4
V
V
OH
Output high voltage
I
OH = -400µA
2.4
V
Symbol
Parameter
Condition
Atmel AT27C512R
Units
-45
-70
Min
Max
Min
Max
t
ACC
(1)
Address to output delay
CE = OE/V
PP = VIL
45
70
ns
t
CE
(1)
CE to output delay
OE/V
PP = VIL
45
70
ns
t
OE
(1)
OE/V
PP to output delay
CE = V
IL
20
30
ns
t
DF
(1)
OE/V
PP or CE high to output float, whichever occurred first
20
25
ns
t
OH
Output hold from address, CE or OE/V
PP, whichever occurred first
7
7
ns


Similar Part No. - AT27C512R-45JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R-45JC ATMEL-AT27C512R-45JC Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-45JI ATMEL-AT27C512R-45JI Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-45JI ATMEL-AT27C512R-45JI Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
More results

Similar Description - AT27C512R-45JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R-45JU ATMEL-AT27C256R-45JU Datasheet
889Kb / 13P
   256K (32K x 8) One-time Programmable, Read-only Memory
AT27C256R-70PU ATMEL-AT27C256R-70PU Datasheet
833Kb / 14P
   256K (32K x 8) One-time Programmable, Read-only Memory
AT27C010-70PU ATMEL-AT27C010-70PU Datasheet
790Kb / 13P
   1Mb (128K x 8) One-time Programmable, Read-only Memory
AT27C010-45JU ATMEL-AT27C010-45JU Datasheet
790Kb / 13P
   1Mb (128K x 8) One-time Programmable, Read-only Memory
AT27C010-70JU ATMEL-AT27C010-70JU Datasheet
790Kb / 13P
   One-time Programmable, Read-only Memory
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
Toshiba Semiconductor
TC54256AP TOSHIBA-TC54256AP Datasheet
545Kb / 11P
   32,768 WORD x 8 BIT CMOS ONE TIME PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT49F512 ATMEL-AT49F512 Datasheet
178Kb / 11P
   512K 64K x 8 5-volt Only Flash Memory
AT29LV512 ATMEL-AT29LV512_08 Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
AT29C512 ATMEL-AT29C512_08 Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com