Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDS7002A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NDS7002A
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDS7002A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NDS7002A Datasheet HTML 1Page - Fairchild Semiconductor NDS7002A Datasheet HTML 2Page - Fairchild Semiconductor NDS7002A Datasheet HTML 3Page - Fairchild Semiconductor NDS7002A Datasheet HTML 4Page - Fairchild Semiconductor NDS7002A Datasheet HTML 5Page - Fairchild Semiconductor NDS7002A Datasheet HTML 6Page - Fairchild Semiconductor NDS7002A Datasheet HTML 7Page - Fairchild Semiconductor NDS7002A Datasheet HTML 8Page - Fairchild Semiconductor NDS7002A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2N7000.SAM Rev. A1
0
1
2
3
4
5
0
0 .5
1
1 .5
2
V
, DRAIN-SOURCE VOLTAGE (V)
9.0
4.0
8.0
3.0
7.0
V
= 10V
GS
DS
5.0
6.0
-50
-25
0
25
50
75
100
125
150
0 .5
0 .75
1
1 .25
1 .5
1 .75
2
T , JUNCTION T EMPERATURE (°C)
J
V
= 10V
GS
I
= 500mA
D
-50
-25
0
25
50
75
100
125
150
0 .8
0 .85
0 .9
0 .95
1
1 .05
1 .1
T , JUNCTION TEM PERATU RE (°C)
J
I
= 1 mA
D
V
= V
DS
GS
0
0 .4
0 .8
1 .2
1 .6
2
0 .5
1
1 .5
2
2 .5
3
I
, DRA IN CURRENT (A)
V
=4.0V
GS
D
7 .0
4 .5
10
5 .0
6 .0
9 .0
8 .0
0
0 .4
0 .8
1 .2
1 .6
2
0
0 .5
1
1 .5
2
2 .5
3
I
, DRAIN CURRENT (A)
T = 125°C
J
25°C
-55°C
D
V
= 10V
GS
Typical Electrical Characteristics
Figure 1. On-Region Characteristics
Figure 2. On-Resistance Variation with Gate
Voltage and Drain Current
Figure 3. On-Resistance Variation
with Temperature
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Figure 5. Transfer Characteristics
Figure 6. Gate Threshold Variation with
Temperature
0
2
4
6
8
10
0
0.4
0.8
1.2
1.6
2
V
, GATE TO SOURCE VOLTAGE (V)
V
= 10V
DS
GS
T
= -55°C
J
25°C
125°C
2N7000 / 2N7002 / NDS7002A


Similar Part No. - NDS7002A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NDS7002A NSC-NDS7002A Datasheet
220Kb / 10P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
NDS7002A FAIRCHILD-NDS7002A Datasheet
116Kb / 7P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Foshan Blue Rocket Elec...
NDS7002A FOSHAN-NDS7002A Datasheet
803Kb / 6P
   N-CHANNEL MOSFET in a SOT-23 Plastic Package
logo
TECH PUBLIC Electronics...
NDS7002A TECHPUBLIC-NDS7002A Datasheet
1,021Kb / 3P
   60V N-Channel Mosfet
More results

Similar Description - NDS7002A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com