Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2547P881 Datasheet(PDF) 3 Page - Agere Systems

Part # D2547P881
Description  Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

D2547P881 Datasheet(HTML) 3 Page - Agere Systems

  D2547P881 Datasheet HTML 1Page - Agere Systems D2547P881 Datasheet HTML 2Page - Agere Systems D2547P881 Datasheet HTML 3Page - Agere Systems D2547P881 Datasheet HTML 4Page - Agere Systems D2547P881 Datasheet HTML 5Page - Agere Systems D2547P881 Datasheet HTML 6Page - Agere Systems D2547P881 Datasheet HTML 7Page - Agere Systems D2547P881 Datasheet HTML 8Page - Agere Systems D2547P881 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet, Rev. 2
Wavelength-Selected, High-Power D2587P-Type (with Wavelength
July 2001
Locker)/D2547P-Type Isolated DFB Laser Modules
3
Agere Systems Inc.
Description (continued)
Top view.
Figure 2. D2547P Circuit Schematic
Figure 3. D2587P Circuit Schematic
Block Diagram
1-567
TEC
L1
140 nH
ISOLATOR
R1
20
PACKAGE
GROUNDS
–+
+
+–
+
76
54
3
2
1
8
9
10
11
12
13
TH
10 k
NC
14
TEC
RTH
PM FIBER PIGTAIL
7
6543
21
8
9
10
11
12
13
14
PDWAVE
PDWAVE
PDPOWER
LD
RRF
RFC
DFB
SILICON SUBMOUNT
THERMOELECTRIC COOLER
DUAL
ETALON
THERMISTOR
ISOLATOR AND
FIBER COUPLING
OPTICS
A TO D
CONVERTER
MICROPROCESSOR
D TO A
CONVERTER
EEPROM
VOLTAGE PROPORTIONAL TO WAVELENGTH
VOLTAGE PROPORTIONAL TO OPTICAL POWER
VOLTAGE PROPORTIONAL TO TEMPERATURE
LASER MODULE
SUGGESTED
ELECTRONICS MODULE (CUSTOMER SUPPLIED)
1-1129(F)
1-1130(F)


Similar Part No. - D2547P881

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
D25 OHMITE-D25 Datasheet
261Kb / 2P
   Rugged lead free vitreous enamel coating
logo
Bourns Electronic Solut...
D25-CRCW1206 BOURNS-D25-CRCW1206 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
logo
Vishay Siliconix
D25-CRCW1206 VISHAY-D25-CRCW1206 Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
D25-CRCW1206 VISHAY-D25-CRCW1206 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
D25-CRCW1206 VISHAY-D25-CRCW1206 Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results

Similar Description - D2547P881

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
Agere Systems
D2570 AGERE-D2570 Datasheet
112Kb / 12P
   D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
List of Unclassifed Man...
2309-3-650 ETC2-2309-3-650 Datasheet
34Kb / 1P
   Laser Diode Modules: By Wavelength
logo
JDS Uniphase Corporatio...
WVL-2B1050110 JDSU-WVL-2B1050110 Datasheet
202Kb / 5P
   Broadband (Fabry-Perot) Wavelength Locker
logo
Agere Systems
CW20P AGERE-CW20P Datasheet
72Kb / 6P
   CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
logo
CT Micro International ...
RGBP080806-PCTC7 CTMICRO-RGBP080806-PCTC7 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev 2 Jan, 2021
BYRP161504-PBTC2 CTMICRO-BYRP161504-PBTC2 Datasheet
1Mb / 11P
   Multi-Wavelength SMD Type
Rev2 Jan, 2021
GRBC212110-PCTC6 CTMICRO-GRBC212110-PCTC6 Datasheet
1Mb / 10P
   Multi-Wavelength SMD Type
Rev1 Sep, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com