Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25PF020B Datasheet(PDF) 4 Page - Microchip Technology

Part # SST25PF020B
Description  2 Mbit 2.3-3.6V SPI Serial Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF020B Datasheet(HTML) 4 Page - Microchip Technology

  SST25PF020B Datasheet HTML 1Page - Microchip Technology SST25PF020B Datasheet HTML 2Page - Microchip Technology SST25PF020B Datasheet HTML 3Page - Microchip Technology SST25PF020B Datasheet HTML 4Page - Microchip Technology SST25PF020B Datasheet HTML 5Page - Microchip Technology SST25PF020B Datasheet HTML 6Page - Microchip Technology SST25PF020B Datasheet HTML 7Page - Microchip Technology SST25PF020B Datasheet HTML 8Page - Microchip Technology SST25PF020B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
SST25PF020B
DS25135A-page 4
 2012 Microchip Technology Inc.
3.0
MEMORY ORGANIZATION
The SST25PF020B SuperFlash memory array is orga-
nized in uniform 4 KByte erasable sectors with 32
KByte overlay blocks and 64 KByte overlay erasable
blocks.
4.0
DEVICE OPERATION
The SST25PF020B is accessed through the SPI (Serial
Peripheral Interface) bus compatible protocol. The SPI
bus consist of four control lines; Chip Enable (CE#) is
used to select the device, and data is accessed through
the Serial Data Input (SI), Serial Data Output (SO), and
Serial Clock (SCK).
The SST25PF020B supports both Mode 0 (0,0) and
Mode 3 (1,1) of SPI bus operations. The difference
between the two modes, as shown in Figure 4-1, is the
state of the SCK signal when the bus master is in
Standby mode and no data is being transferred. The
SCK signal is low for Mode 0 and SCK signal is high for
Mode 3. For both modes, the Serial Data In (SI) is sam-
pled at the rising edge of the SCK clock signal and the
Serial Data Output (SO) is driven after the falling edge
of the SCK clock signal.
FIGURE 4-1:
SPI PROTOCOL
4.1
Hold Operation
The HOLD# pin is used to pause a serial sequence
underway with the SPI flash memory without resetting
the clocking sequence. To activate the HOLD# mode,
CE# must be in active low state. The HOLD# mode
begins when the SCK active low state coincides with
the falling edge of the HOLD# signal. The HOLD mode
ends when the HOLD# signal’s rising edge coincides
with the SCK active low state.
If the falling edge of the HOLD# signal does not coin-
cide with the SCK active low state, then the device
enters Hold mode when the SCK next reaches the
active low state. Similarly, if the rising edge of the
HOLD# signal does not coincide with the SCK active
low state, then the device exits in Hold mode when the
SCK next reaches the active low state. See Figure 4-2
for Hold Condition waveform.
Once the device enters Hold mode, SO will be in high-
impedance state while SI and SCK can be VIL or VIH.
If CE# is driven high during a Hold condition, the device
returns to Standby mode. As long as HOLD# signal is
low, the memory remains in the Hold condition. To
resume communication with the device, HOLD# must
be driven active high, and CE# must be driven active
low. See Figure 4-2 for Hold timing.
FIGURE 4-2:
HOLD CONDITION WAVEFORM
25135 SPIprot.0
MODE 3
SCK
SI
SO
CE#
MODE 3
DON'T CARE
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MODE 0
MODE 0
HIGH IMPEDANCE
MSB
MSB
Active
Hold
Active
Hold
Active
25135 HoldCond.0
SCK
HOLD#


Similar Part No. - SST25PF020B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25PF020B MICROCHIP-SST25PF020B Datasheet
1Mb / 35P
   2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
SST25PF020B-80-4C-Q3AE MICROCHIP-SST25PF020B-80-4C-Q3AE Datasheet
1Mb / 35P
   2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
SST25PF020B-80-4C-Q3AE-T MICROCHIP-SST25PF020B-80-4C-Q3AE-T Datasheet
1Mb / 35P
   2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
SST25PF020B-80-4C-QAE MICROCHIP-SST25PF020B-80-4C-QAE Datasheet
1Mb / 35P
   2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
SST25PF020B-80-4C-QAE-T MICROCHIP-SST25PF020B-80-4C-QAE-T Datasheet
1Mb / 35P
   2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
More results

Similar Description - SST25PF020B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25PF040B MICROCHIP-SST25PF040B Datasheet
409Kb / 31P
   4 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF020B MICROCHIP-SST25PF020B_V01 Datasheet
1Mb / 35P
   2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
logo
Dialog Semiconductor
AT25DF021A DIALOG-AT25DF021A Datasheet
422Kb / 3P
   2-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
logo
Silicon Storage Technol...
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com