Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25PF020B-80-4C-SAE Datasheet(PDF) 3 Page - Microchip Technology

Part # SST25PF020B-80-4C-SAE
Description  2 Mbit 2.3-3.6V SPI Serial Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF020B-80-4C-SAE Datasheet(HTML) 3 Page - Microchip Technology

  SST25PF020B-80-4C-SAE Datasheet HTML 1Page - Microchip Technology SST25PF020B-80-4C-SAE Datasheet HTML 2Page - Microchip Technology SST25PF020B-80-4C-SAE Datasheet HTML 3Page - Microchip Technology SST25PF020B-80-4C-SAE Datasheet HTML 4Page - Microchip Technology SST25PF020B-80-4C-SAE Datasheet HTML 5Page - Microchip Technology SST25PF020B-80-4C-SAE Datasheet HTML 6Page - Microchip Technology SST25PF020B-80-4C-SAE Datasheet HTML 7Page - Microchip Technology SST25PF020B-80-4C-SAE Datasheet HTML 8Page - Microchip Technology SST25PF020B-80-4C-SAE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
 2012 Microchip Technology Inc.
DS25135A-page 3
SST25PF020B
2.0
PIN DESCRIPTION
FIGURE 2-1:
PIN ASSIGNMENTS
TABLE 2-1:
PIN DESCRIPTION
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing of the serial interface.
Commands, addresses, or input data are latched on the rising edge of the clock
input, while output data is shifted out on the falling edge of the clock input.
SI
Serial Data Input
To transfer commands, addresses, or data serially into the device.
Inputs are latched on the rising edge of the serial clock.
SO
Serial Data Output
To transfer data serially out of the device.
Data is shifted out on the falling edge of the serial clock.
Outputs Flash busy status during AAI Programming when reconfigured as RY/BY#
pin. See “Hardware End-of-Write Detection” on page 11 for details.
CE#
Chip Enable
The device is enabled by a high to low transition on CE#. CE# must remain low for
the duration of any command sequence.
WP#
Write Protect
The Write Protect (WP#) pin is used to enable/disable BPL bit in the status register.
HOLD#
Hold
To temporarily stop serial communication with SPI flash memory without resetting
the device.
VDD
Power Supply
To provide power supply voltage: 2.3-3.6V for SST25PF020B
VSS
Ground
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
VDD
HOLD#
SCK
SI
Top View
25135 08-soic S2A P1.0
8-Lead SOIC
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
Top View
VDD
HOLD#
SCK
SI
25135 08-wson QA P2.0
8-Contact WSON
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
Top View
VDD
HOLD#
SCK
SI
25135 08-uson Q3A P1.0
8-Contact USON


Similar Part No. - SST25PF020B-80-4C-SAE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25PF020B-80-4C-SAE MICROCHIP-SST25PF020B-80-4C-SAE Datasheet
1Mb / 35P
   2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
SST25PF020B-80-4C-SAE-T MICROCHIP-SST25PF020B-80-4C-SAE-T Datasheet
1Mb / 35P
   2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
More results

Similar Description - SST25PF020B-80-4C-SAE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25PF040B MICROCHIP-SST25PF040B Datasheet
409Kb / 31P
   4 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF020B MICROCHIP-SST25PF020B_V01 Datasheet
1Mb / 35P
   2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
logo
Dialog Semiconductor
AT25DF021A DIALOG-AT25DF021A Datasheet
422Kb / 3P
   2-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
logo
Silicon Storage Technol...
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com