Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603CT-18NXJLU Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0603CT-18NXJLU
Description  Kit Contents 0603CT Low Profile Chip Inductors 35 values, 10 of each
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603CT-18NXJLU Datasheet(HTML) 1 Page - Coilcraft lnc.

  0603CT-18NXJLU Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
19/02/13
Designer’s Kit
Kit Contents for C423:
• 0603CT Low Profile Chip Inductors
• 35 values, 10 of each
Inductance
Tolerance
Part Number
1nH
5%
0603CT-1N0XJLU
1.2nH
0603CT-1N2XJLU
2nH
0603CT-2N0XJLU
2.3nH
0603CT-2N3XJLU
2.5nH
0603CT-2N5XJLU
3nH
0603CT-3N0XJLU
3.3nH
0603CT-3N3XJLU
3.6nH
0603CT-3N6XJLU
3.9nH
0603CT-3N9XJLU
4.3nH
0603CT-4N3XJLU
4.7nH
0603CT-4N7XJLU
5.1nH
0603CT-5N1XJLU
5.6nH
0603CT-5N6XJLU
6.8nH
0603CT-6N8XJLU
7.2nH
0603CT-7N2XJLU
8.2nH
0603CT-8N2XJLU
9.5nH
0603CT-9N5XJLU
10nH
0603CT-10NXJLU
Part Number Table
Inductance
Tolerance
Part Number
11nH
5%
0603CT-11NXJLU
12nH
0603CT-12NXJLU
15nH
0603CT-15NXJLU
16nH
0603CT-16NXJLU
18nH
0603CT-18NXJLU
20nH
0603CT-20NXJLU
22nH
0603CT-22NXJLU
24nH
0603CT-24NXJLU
27nH
0603CT-27NXJLU
30nH
0603CT-30NXJLU
33nH
0603CT-33NXJLU
36nH
0603CT-36NXJLU
39nH
0603CT-39NXJLU
43nH
0603CT-43NXJLU
47nH
0603CT-47NXJLU
51nH
0603CT-51NXJLU
56nH
0603CT-56NXJLU


Similar Part No. - 0603CT-18NXJLU

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603CT-18NXGLU COILCRAFT-0603CT-18NXGLU Datasheet
149Kb / 2P
   Chip Inductors ??0603CT (1608)
0603CT-18NX_L COILCRAFT-0603CT-18NX_L Datasheet
204Kb / 2P
   Chip Inductors
0603CT-18NX_L COILCRAFT-0603CT-18NX_L Datasheet
149Kb / 2P
   Chip Inductors ??0603CT (1608)
More results

Similar Description - 0603CT-18NXJLU

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402CS-1N0XJLU COILCRAFT-0402CS-1N0XJLU Datasheet
202Kb / 1P
   Kit Contents for C328A 0402CS Chip Inductors 23 values, 20 of each
LPS6225-122MLB COILCRAFT-LPS6225-122MLB Datasheet
206Kb / 1P
   Kit Contents for C349, LPS6225 Power Inductors, 28 values, 3 of each
C324A COILCRAFT-C324A Datasheet
203Kb / 1P
   0603CS Chip Inductors, 26 values, 10 of each
C324A-2 COILCRAFT-C324A-2 Datasheet
204Kb / 1P
   0603CS Chip Inductors, 26 values, 10 of each
C439 COILCRAFT-C439 Datasheet
201Kb / 1P
   0603AF Chip Inductors, 14 values, 10 of each
PFL1609-471MEU COILCRAFT-PFL1609-471MEU Datasheet
202Kb / 1P
   Kit Contents for C433 PFL1609 and PFL2010 Power Inductors 11 values, 20 of each
SER1590-301MLB COILCRAFT-SER1590-301MLB Datasheet
200Kb / 1P
   Kit Contents for C366, SER1590 High Current Power Inductors 9 values, 4 of each
0805PS-102KLB COILCRAFT-0805PS-102KLB Datasheet
204Kb / 1P
   0805PS Power Chip Inductors 20 values, 6 of each
1515SQ-47NJEB COILCRAFT-1515SQ-47NJEB Datasheet
200Kb / 1P
   1515SQ, 2222SQ, 2929SQ Air Core Inductors 16 values, 10 of each
XFL4020-102MEB COILCRAFT-XFL4020-102MEB Datasheet
197Kb / 1P
   XFL4020 Power Inductors, 5 values, 5 of each
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com