Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZULU-868-SO Datasheet(PDF) 8 Page - rfsolutions.ltd

Part # ZULU-868-SO
Description  RT Trans-controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

ZULU-868-SO Datasheet(HTML) 8 Page - rfsolutions.ltd

  ZULU-868-SO Datasheet HTML 1Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 2Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 3Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 4Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 5Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 6Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 7Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 8Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ZULU
ZULU
ZULU
ZULU
DS-ZULU-1
Transmitter AC Characteristics
Transmitter AC Characteristics
Transmitter AC Characteristics
Transmitter AC Characteristics
Parameter
Parameter
Parameter
Parameter
Notes
Notes
Notes
Notes
Min
Min
Min
Min
Typical
Typical
Typical
Typical
Max
Max
Max
Max
Units
Units
Units
Units
TX Operating Frequency
433 Band
868 Band
915 Band
413
848
895
433
868
915
453
888
935
MHz
FSK Raw RF Data Rate
0.123
256
Kbps
OOK Raw RF Data Rate
0.123
40
Kbps
Modulation Deviation
433.470MHz
868, 915MHz
+/-0.625
+/-0.625
+/-320
+/-160
KHz
Modulation Deviation
Resolution
0.625
KHz
Output Power Range
+1
+20
dBm
Tx RF Output Steps
Controlled by Txpow
3
dBm
Parameter
Parameter
Parameter
Parameter
Notes
Notes
Notes
Notes
Min
Min
Min
Min
Typical
Typical
Typical
Typical
Max
Max
Max
Max
Units
Units
Units
Units
Rx Operating Frequency
433 Band
868 Band
915 Band
413
848
895
433
868
915
453
888
935
MHz
(BER < 0.1%) (2 kbps, GFSK,
BT = 0.5,
f =
5 kHz)3
-121
dBm
(BER < 0.1%) (40 kbps,
GFSK,
BT = 0.5,
f =
20 kHz)3
-108
dBm
(BER < 0.1%) (125 kbps,
GFSK, BT = 0.5,
f =
62.5
kHz)
-101
dBm
(BER < 0.1%) (4.8 kbps, 350
kHz BW, OOK)3
-110
dBm
(BER<0.1%)(1.2Kbps,
FD=35KHz,BW=105KHz,
-116
dBm
Rx Ch Bandwidth
2.6
620
KHz
RSSI Resolution
+/-0.5
dB
RSSI Range
-120
20
dB
Zulu Rx Sensitivity
Receiver AC Characteristics
Receiver AC Characteristics
Receiver AC Characteristics
Receiver AC Characteristics


Similar Part No. - ZULU-868-SO

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
ZULU-M868 RFSOLUTIONS-ZULU-M868 Datasheet
3Mb / 16P
   Radio MODEM Module
ZULU-M868-SO RFSOLUTIONS-ZULU-M868-SO Datasheet
3Mb / 16P
   Radio MODEM Module
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
ZULU-T868-SO RFSOLUTIONS-ZULU-T868-SO Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
More results

Similar Description - ZULU-868-SO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E13003 ETC2-E13003 Datasheet
5Mb / 2P
   POWER TRANS ISTOR
P-6469 ETC2-P-6469 Datasheet
416Kb / 3P
   POWER TRANS FORMERS
LB-12230 ETC2-LB-12230 Datasheet
312Kb / 2P
   PRINTED CIRCUIT TRANS FORMERS
logo
New Jersey Semi-Conduct...
BU912 NJSEMI-BU912 Datasheet
84Kb / 1P
   NPN DARLINGTON TRANS IBTOR
logo
Nanjing Qinheng Microel...
CH9342 WCH-CH9342 Datasheet
104Kb / 4P
   USB Trans-stroke chip
logo
PHOENIX CONTACT
3049042 PHOENIX-3049042 Datasheet
126Kb / 5P
   RT 8
logo
TOKYO SEIMITSU CO., LTD
E-DT-80LA ACCRETECH-E-DT-80LA Datasheet
507Kb / 6P
   Detector (Differential Trans-Type) Features
logo
PHOENIX CONTACT
3049026 PHOENIX-3049026 Datasheet
125Kb / 5P
   RT 5
logo
SUNMATE electronic Co.,...
S8050 SUNMATE-S8050 Datasheet
718Kb / 3P
   SILICON EPITAXIAL PLANAR TRANS ISTOR
logo
Tyco Electronics
2-1415074-1 MACOM-2-1415074-1 Datasheet
237Kb / 3P
   Relay Package RT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com