Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZULU-868-SO Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # ZULU-868-SO
Description  RT Trans-controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

ZULU-868-SO Datasheet(HTML) 1 Page - rfsolutions.ltd

  ZULU-868-SO Datasheet HTML 1Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 2Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 3Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 4Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 5Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 6Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 7Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 8Page - rfsolutions.ltd ZULU-868-SO Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ZULU
ZULU
ZULU
ZULU
D
D
D
DS
S
S
S----Z
Z
Z
ZU
U
U
UL
L
L
LU
U
U
U----1
1
1
1
RF Trans
RF Trans
RF Trans
RF Trans----controller
controller
controller
controller
Features
Features
Features
Features
Ultra Low Power: 0.9 to 3.6 V Operation
Typical sleep mode current < 0.1 µA; retains state and RAM
contents over full supply range; fast wakeup of < 2 µs
Less than 600 nA with RTC running
Less than 1 µA with RTC running and radio state retained
Two built-in brown-out detectors cover sleep and active
modes
10
10
10
10----Bit Analog to Digital Converter
Bit Analog to Digital Converter
Bit Analog to Digital Converter
Bit Analog to Digital Converter
Up to 300 ksps
Up to 18 external inputs
External pin or internal VREF (no external capacitor required)
Built-in temperature sensor
External conversion start input option
Auto burst mode c/w 16-bit auto averaging accumulator
Dual Comparators
Dual Comparators
Dual Comparators
Dual Comparators
Programmable hysteresis and response time
Configurable as interrupt or reset source
Low current (< 0.5 µA)
On
On
On
On----Chip Debug
Chip Debug
Chip Debug
Chip Debug
On-chip debug circuitry facilitates full-speed, non-intrusive in-
system debug (No emulator required)
Provides breakpoints, single stepping
Inspect/modify memory and registers
High
High
High
High----Speed 8051
Speed 8051
Speed 8051
Speed 8051 µC Core
C Core
C Core
C Core
Pipelined instruction architecture; executes 70% of instruc-
tions in 1 or 2 system clocks
Up to 25 MIPS throughput with 25 MHz clock
Memory
Memory
Memory
Memory
4352 bytes internal data RAM (256 + 4096)
64 kB Flash; In-system programmable in 1024-byte sec-
tors—1024 bytes are reserved in the 64 kB device
Transceiver Features
Transceiver Features
Transceiver Features
Transceiver Features
Frequency range = 433,470,868,915MHz ISM Band
Sensitivity = –121 dBm
FSK, GFSK, and OOK modulation
Max output power = +20 dBm
RF power consumption
18.5mA receive
18 mA @+1 dBm transmit
40mA @+13 dBm transmit
100mA @+20 dBm transmit
Data rate = 0.123 to 256 kbps
Auto-frequency calibration (AFC)
transmit/receive switch control
Programmable packet handler
TX and RX 64 byte FIFOs
Frequency hopping capability
On-chip crystal tuning
Digital Peripherals
Digital Peripherals
Digital Peripherals
Digital Peripherals
19 or 16 port I/O plus 3 GPIO pins; Hardware enhanced
UART, SPI, and I2C serial ports available concurrently
Low power 32-bit SmaRTClock
Four general purpose 16-bit counter/timers; six channel
programmable counter array (PCA)
Clock Sources
Clock Sources
Clock Sources
Clock Sources
Precision internal oscillators: 24.5 MHz with ±2% accu-
racy supports UART operation; spread-spectrum mode
for reduced EMI; Low power 20 MHz internal oscillator
External oscillator: Crystal, RC, C, CMOS clock
SmaRTClock oscillator: 32.768 kHz crystal or self-
oscillate
Can switch between clock sources on-the-fly; useful in
power saving modes and in implementing various power
saving modes
I/O Port
I/O Port
I/O Port
I/O Port
19 or 20 port I/O (5 V tolerant except for GPIO_2)
RF Transceiver combined with
RF Transceiver combined with
RF Transceiver combined with
RF Transceiver combined with
Onboard 8051
Onboard 8051
Onboard 8051
Onboard 8051 µ
µ
µ
µcontroller
controller
controller
controller
Upto 2km Range
Upto 2km Range
Upto 2km Range
Upto 2km Range
Operates from 3.6
Operates from 3.6
Operates from 3.6
Operates from 3.6 ---- 0.9V
0.9V
0.9V
0.9V
Dimensions: 25 x 11mm
Dimensions: 25 x 11mm
Dimensions: 25 x 11mm
Dimensions: 25 x 11mm


Similar Part No. - ZULU-868-SO

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
ZULU-M868 RFSOLUTIONS-ZULU-M868 Datasheet
3Mb / 16P
   Radio MODEM Module
ZULU-M868-SO RFSOLUTIONS-ZULU-M868-SO Datasheet
3Mb / 16P
   Radio MODEM Module
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
ZULU-T868-SO RFSOLUTIONS-ZULU-T868-SO Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
More results

Similar Description - ZULU-868-SO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E13003 ETC2-E13003 Datasheet
5Mb / 2P
   POWER TRANS ISTOR
P-6469 ETC2-P-6469 Datasheet
416Kb / 3P
   POWER TRANS FORMERS
LB-12230 ETC2-LB-12230 Datasheet
312Kb / 2P
   PRINTED CIRCUIT TRANS FORMERS
logo
New Jersey Semi-Conduct...
BU912 NJSEMI-BU912 Datasheet
84Kb / 1P
   NPN DARLINGTON TRANS IBTOR
logo
Nanjing Qinheng Microel...
CH9342 WCH-CH9342 Datasheet
104Kb / 4P
   USB Trans-stroke chip
logo
PHOENIX CONTACT
3049042 PHOENIX-3049042 Datasheet
126Kb / 5P
   RT 8
logo
TOKYO SEIMITSU CO., LTD
E-DT-80LA ACCRETECH-E-DT-80LA Datasheet
507Kb / 6P
   Detector (Differential Trans-Type) Features
logo
PHOENIX CONTACT
3049026 PHOENIX-3049026 Datasheet
125Kb / 5P
   RT 5
logo
SUNMATE electronic Co.,...
S8050 SUNMATE-S8050 Datasheet
718Kb / 3P
   SILICON EPITAXIAL PLANAR TRANS ISTOR
logo
Tyco Electronics
2-1415074-1 MACOM-2-1415074-1 Datasheet
237Kb / 3P
   Relay Package RT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com