Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX64-SLDB Datasheet(PDF) 5 Page - Hirose Electric

Part # ZX64-SLDB
Description  Micro-USB connectors meeting requirements of USB 2.0 Standard
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

ZX64-SLDB Datasheet(HTML) 5 Page - Hirose Electric

  ZX64-SLDB Datasheet HTML 1Page - Hirose Electric ZX64-SLDB Datasheet HTML 2Page - Hirose Electric ZX64-SLDB Datasheet HTML 3Page - Hirose Electric ZX64-SLDB Datasheet HTML 4Page - Hirose Electric ZX64-SLDB Datasheet HTML 5Page - Hirose Electric ZX64-SLDB Datasheet HTML 6Page - Hirose Electric ZX64-SLDB Datasheet HTML 7Page - Hirose Electric ZX64-SLDB Datasheet HTML 8Page - Hirose Electric ZX64-SLDB Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
ZX Series
Micro-USB connectors meeting requirements of USB 2.0 Standard
PCB EDGE
No.1
No.5
0.4
6.9
2.6
1.3
7.8
12
8.8
4.7
2
No.5
No.1
4.7
0.25
1.3
2.6
7.5
11.5
7.5
0.6
4.3
5
5.3
1.9
B
Recommended PCB mounting pattern
No.5
NO CONDUCTIVE TRACES
1.3
4.1
8.3
2.9
No.1
2.6
0.4
5.6
9.8
3.9
6.6
0.5
No.5
No.1
7.5
8.8
2.15
0.6
5
B
Recommended PCB mounting pattern
Part Number
CL No.
Packaging
RoHS
ZX62R-B-5P
242-0028-8
2,000 pieces per reel
YES
■Receptacles
Micro B - Reverse (Top mount) Shell SMT
Part Number
CL No.
Packaging
RoHS
ZX62M-B-5P
242-0024-7
2,000 pieces per reel
YES
Micro B - Drop-in (Mid-mount), Shell SMT
All dimensions: mm
All dimensions: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - ZX64-SLDB

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZX6.2 DIOTEC-ZX6.2 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
New Jersey Semi-Conduct...
ZX6.2 NJSEMI-ZX6.2 Datasheet
166Kb / 2P
   Silicon Power Z Diodes
logo
Diotec Semiconductor
ZX6.8 DIOTEC-ZX6.8 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
New Jersey Semi-Conduct...
ZX6.8 NJSEMI-ZX6.8 Datasheet
166Kb / 2P
   Silicon Power Z Diodes
logo
Mini-Circuits
ZX60-02203LPN MINI-ZX60-02203LPN Datasheet
830Kb / 8P
   Wideband Microwave Amplifier
More results

Similar Description - ZX64-SLDB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ZX62 HIROSE-ZX62 Datasheet
847Kb / 20P
   Micro-USB connectors meeting requirements of USB 2.0 Standard
ZX HIROSE-ZX_18 Datasheet
931Kb / 20P
   Micro-USB connectors meeting USB 2.0 Standard
UX60S HIROSE-UX60S Datasheet
251Kb / 7P
   Mini-B Connectors, SMT mount receptacles meeting requirements of USB 2.0 Standard
UX60-MB-5ST HIROSE-UX60-MB-5ST Datasheet
218Kb / 8P
   Meet requirements of USB 2.0
logo
Amphenol Communications...
IO_USB_MICRO AMPHENOLCS-IO_USB_MICRO Datasheet
310Kb / 3P
   Micro USB 2.0 Connectors
logo
Hirose Electric
UX HIROSE-UX_18 Datasheet
308Kb / 6P
   USB 2.0 Standard Connectors
logo
Japan Aviation Electron...
DX4 JAE-DX4 Datasheet
562Kb / 10P
   USB 2.0 Compatible Micro Connectors
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
logo
Samtec, Inc
USBR-A-S-F-O-TH SAMTEC-USBR-A-S-F-O-TH Datasheet
731Kb / 1P
   STANDARD & RUGGED USB 2.0
USB-B SAMTEC-USB-B Datasheet
142Kb / 1P
   STANDARD & RUGGED USB 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com