Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB202S Datasheet(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

Part # DB202S
Description  2 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

DB202S Datasheet(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD

  DB202S Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD DB202S Datasheet HTML 2Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB201S
THRU
DB207S
2 Amp Single Phase
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
Surface Mount Package
Glass Passivated Diode Construction
High Surge Current Capability
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0 A
TA = 40
°C
Peak Forward Surge
Current
IFSM
60A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.2V
IF = 2.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
0.5mA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
25pF
Measured at
1.0MHz, VR=4.0V
Rating For Fusing
I
2t
14.9A
2s
t<8.3ms
.
.
DBS
Suggested Solder Pad
Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.040
.060
1.02
1.50
.047”
.060”
.205”
.344”
B
C
D
A
E
G
H
K
Notch in Case
+
-
A
.316
.335
8.05
8.51
B
.245
.255
6.20
6.50
E
.10
2
.130
2.
60
3.30
D
.360
.410
9.40
10.4
G
.003
.013
.076
.330
H
.195
.205
5.00
5.20
K
.038
.047
1.00
1.20
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
UL Recognized File # E165989
Halogen free available upon request by adding suffix "-HF"
Moisture Sensitivity Level 1
Epoxy meets UL 94 V-0 flammability rating
Maximum Ratings
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DB201S
DB201S
50V
35V
50V
DB202S
DB202S
100V
70V
100V
DB203S
DB203S
200V
140V
200V
DB204S
DB204S
400V
280V
400V
DB205S
DB205S
600V
420V
600V
DB206S
DB206S
800V
560V
800V
DB207S
DB207S
1000V
700V
1000V
KI SEMICONDUCTOR
KI SEMICONDUCTOR


Similar Part No. - DB202S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB202S SECOS-DB202S Datasheet
106Kb / 2P
   2.0 Amp Surface Mount Bridge Rectifiers
logo
DIYI Electronic Technol...
DB202S DYELEC-DB202S Datasheet
1Mb / 2P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB202S YFWDIODE-DB202S Datasheet
440Kb / 3P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
Rectron Semiconductor
DB202S RECTRON-DB202S Datasheet
378Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
DIYI Electronic Technol...
DB202S DYELEC-DB202S Datasheet
2Mb / 3P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DB202S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SDB201 MCC-SDB201 Datasheet
224Kb / 3P
   2 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
SDB201L MCC-SDB201L Datasheet
186Kb / 3P
   2 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
   50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
GBU4A MCC-GBU4A Datasheet
116Kb / 2P
   4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
DB101L MCC-DB101L Datasheet
415Kb / 3P
   1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
TBSL40A MCC-TBSL40A Datasheet
458Kb / 3P
   4.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
   35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
   8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
RS401GL MCC-RS401GL Datasheet
218Kb / 3P
   4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC25005 MCC-GBPC25005 Datasheet
173Kb / 3P
   25 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com