Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMQA5V6T1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMQA5V6T1
Description  SC-59 QUAD TRANSIENT VOLTAGE SUPPRESSOR 5.6 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMQA5V6T1 Datasheet(HTML) 1 Page - Motorola, Inc

  MMQA5V6T1 Datasheet HTML 1Page - Motorola, Inc MMQA5V6T1 Datasheet HTML 2Page - Motorola, Inc MMQA5V6T1 Datasheet HTML 3Page - Motorola, Inc MMQA5V6T1 Datasheet HTML 4Page - Motorola, Inc MMQA5V6T1 Datasheet HTML 5Page - Motorola, Inc MMQA5V6T1 Datasheet HTML 6Page - Motorola, Inc MMQA5V6T1 Datasheet HTML 7Page - Motorola, Inc MMQA5V6T1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
MOTOROLA
MMQA5V6T1 MMQA20VT1
5.6 Volt SC59 Quad Monolithic
Common Anode
Transient Voltage Suppressor
for ESD Protection
This quad monolithic silicon voltage suppressor is designed for applications
requiring transient overvoltage protection capability. It is intended for use in
voltage and ESD sensitive equipment such as computers, printers, business
machines, communication systems, medical equipment, and other applica-
tions. Its quad junction common anode design protects four separate lines
using only one package. These devices are ideal for situations where board
space is at a premium.
Specification Features:
• SC-59 Package Allows Four Separate Unidirectional Configurations
• Peak Power — 24 Watts @ 1.0 ms (Unidirectional), per Figure 7 Waveform
• Maximum Clamping Voltage @ Peak Pulse Current
• Low Leakage < 2.0 µA
• ESD Rating of Class N (exceeding 16 kV) per the Human Body Model
Mechanical Characteristics:
• Void Free, Transfer-Molded, Thermosetting Plastic Case
• Corrosion Resistant Finish, Easily Solderable
• Package Designed for Optimal Automated Board Assembly
• Small Package Size for High Density Applications
• Available in 8 mm Tape and Reel
Use the Device Number to order the 7 inch/3,000 unit reel. Replace
with “T3” in the Device Number to order the 13 inch/10,000 unit reel.
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Value
Unit
Peak Power Dissipation @ 1.0 ms (1)
@ TA ≤ 25°C
Ppk
24
Watts
Total Power Dissipation on FR-5 Board (2) @ TA = 25°C
Derate above 25
°C
°PD°
°225
1.8
°mW°
mW/
°C
Thermal Resistance Junction to Ambient
R
θJA
556
°C/W
Total Power Dissipation on Alumina Substrate (3) @ TA = 25°C
Derate above 25
°C
°PD°
°300
2.4
°mW
mW/
°C
Thermal Resistance Junction to Ambient
R
θJA
417
°C/W
Junction and Storage Temperature Range
TJ
Tstg
°– 55 to +150°
°C
Lead Solder Temperature — Maximum (10 Second Duration)
TL
260
°C
1. Non-repetitive current pulse per Figure 7 and derate above TA = 25°C per Figure 8.
2. FR-5 = 1.0 x 0.75 x 0.62 in.
3. Alumina = 0.4 x 0.3 x 0.024 in., 99.5% alumina
4. Other voltages are available
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MMQA5V6T1/D
© Motorola, Inc. 1996
Rev 3
MMQA5V6T1
MMQA20VT1
SC-59 QUAD
TRANSIENT VOLTAGE
SUPPRESSOR
5.6 VOLTS (4)
24 WATTS PEAK POWER
CASE 318F-01
STYLE 1
SC-59 PLASTIC
4
5
6
Motorola Preferred Devices
PIN 1. CATHODE
2. ANODE
3. CATHODE
4. CATHODE
5. ANODE
6. CATHODE
1
2
3
1
2
3
4
5
6


Similar Part No. - MMQA5V6T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA5V6T1 ONSEMI-MMQA5V6T1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA5V6T1 ONSEMI-MMQA5V6T1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA5V6T1 ONSEMI-MMQA5V6T1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA5V6T1 ONSEMI-MMQA5V6T1 Datasheet
71Kb / 6P
   SC??4 Quad Monolithic Common Anode Transient Voltage Suppressors for ESD Protection
August, 2005 ??Rev. 6
MMQA5V6T1G ONSEMI-MMQA5V6T1G Datasheet
126Kb / 7P
   SC??4 QUAD TRANSIENT VOLTAGE SUPPRESSOR 24 WATTS PEAK POWER 5.6 ??33 VOLTS
February, 2012 ??Rev. 10
More results

Similar Description - MMQA5V6T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA5V6T1G ONSEMI-MMQA5V6T1G Datasheet
126Kb / 7P
   SC??4 QUAD TRANSIENT VOLTAGE SUPPRESSOR 24 WATTS PEAK POWER 5.6 ??33 VOLTS
February, 2012 ??Rev. 10
SMS24T1G ONSEMI-SMS24T1G Datasheet
58Kb / 4P
   SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS05T1 ONSEMI-SMS05T1_14 Datasheet
61Kb / 4P
   SC-74 Quad Transient Voltage Suppressor
September, 2014 ??Rev. 8
SMS12T1G ONSEMI-SMS12T1G Datasheet
58Kb / 4P
   SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS15T1G ONSEMI-SMS15T1G Datasheet
58Kb / 4P
   SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS05T1 ONSEMI-SMS05T1 Datasheet
47Kb / 4P
   SC-74 Quad Transient Voltage Suppressor for ESD Protection
April, 2002 ??Rev. 5
NUP4012PMU ONSEMI-NUP4012PMU Datasheet
140Kb / 3P
   Quad Transient Voltage Suppressor Array
November, 2008??Rev. 1
NUP3112UPMU ONSEMI-NUP3112UPMU_14 Datasheet
76Kb / 4P
   Quad Transient Voltage Suppressor Array
April, 2014??Rev. 1
NUP3112UPMU ONSEMI-NUP3112UPMU Datasheet
141Kb / 3P
   Quad Transient Voltage Suppressor Array
June, 2008??Rev. 0
NUP4212UPMU ONSEMI-NUP4212UPMU Datasheet
145Kb / 4P
   Quad Transient Voltage Suppressor Array
August, 2009??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com