Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4282B Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # AAT4282B
Description  Slew Rate Controlled Load Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT4282B Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  AAT4282B Datasheet HTML 1Page - Skyworks Solutions Inc. AAT4282B Datasheet HTML 2Page - Skyworks Solutions Inc. AAT4282B Datasheet HTML 3Page - Skyworks Solutions Inc. AAT4282B Datasheet HTML 4Page - Skyworks Solutions Inc. AAT4282B Datasheet HTML 5Page - Skyworks Solutions Inc. AAT4282B Datasheet HTML 6Page - Skyworks Solutions Inc. AAT4282B Datasheet HTML 7Page - Skyworks Solutions Inc. AAT4282B Datasheet HTML 8Page - Skyworks Solutions Inc. AAT4282B Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AAT4282B
Slew Rate Controlled Load Switch
DATA SHEET
2
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201859B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 14, 2012
AAT4282B
Slew Rate Controlled Load Switch
DATA SHEET
Pin Descriptions
Pin #
Symbol
Function
1
INA
This is the pin to the P-channel MOSFET source for Switch A. Bypass to ground through a 1μF capaci-
tor. INA is independent of INB
2
ENA
Active-High Enable Input A. A logic low turns the switch off and the device consumes less than 1μA of
current. Logic high resumes normal operation.
3
ENB
Active-High Enable Input B. A logic low turns the switch off and the device consumes less than 1μA of
current. Logic high resumes normal operation.
4
INB
This is the pin to the P-channel MOSFET source for Switch B. Bypass to ground through a 1μF capaci-
tor. INB is independent of INA.
5
OUTB
This is the pin to the P-channel MOSFET drain connection. Bypass to ground through a 0.1μF capacitor.
6
GND
Ground connection
7
FAST
Active-high input Switches between FAST (Logic H) and SLOW (Logic L) Slew rate
8
OUTA
This is the pin to the P-channel MOSFET drain connection. Bypass to ground through a 0.1μF capacitor.
EP
-
Exposed Paddle. May be connected to ground. A large copper pad under the package is helpful for
thermal dissipation.
Pin Configuration
TDFN22-8
(Top View)
ENB
INB
INA
ENA
GND
OUTB
OUTA
FAST
3
4
1
2
6
5
8
7


Similar Part No. - AAT4282B

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4282A ANALOGICTECH-AAT4282A Datasheet
552Kb / 14P
   Dual Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A-1 ANALOGICTECH-AAT4282A-1 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A-2 ANALOGICTECH-AAT4282A-2 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A-3 ANALOGICTECH-AAT4282A-3 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
More results

Similar Description - AAT4282B

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
   Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5287 GMT-G5287 Datasheet
51Kb / 1P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com