Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECP225PS24 Datasheet(PDF) 1 Page - XP Power Limited

Part # ECP225PS24
Description  150/225 W Convection/ Forcedcooled
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECP225PS24 Datasheet(HTML) 1 Page - XP Power Limited

  ECP225PS24 Datasheet HTML 1Page - XP Power Limited ECP225PS24 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
225 Watts
Low 1” Profile with 2.5” x 5” Footprint
150/225 W Convection/ Forced cooled
High Efficiency
up to 95%
Medical & ITE Approvals
Built in Fan Supply
<0.5 W No Load Input Power
3 Year Warranty
ECP Series
Input
Input Voltage
• 85-264 VAC, Derate from 100% at 90 VAC
to 90% at 85 VAC
Input Frequency
• 47-63 Hz
Input Current
• 2.2 A typical at 115 VAC, 1.1 A typical at
230 VAC
Inrush Current
• 120 A max at 230 VAC, cold start at 25 °C
Power Factor
• >0.95 at full load
Earth Leakage Current
• <230 µA at 264 VAC, 60 Hz
No Load Input Power
• <0.5 W
Input Protection
• Internal T3.15A/250VAC fitted in line and
neutral
Output
Output Voltage
• See tables
Output Voltage Trim
• ±5%
Initial Set Accuracy
• ±1% at 50 % load
Minimum Load
• No minimum load requirement
Start Up Delay
• 2 s max
Start Up Rise Time
• 55 ms typical
Hold Up Time
• 10 ms minimum at full load and 115 VAC
20 ms typical at 150 W, 13 ms typical at
225 W
Line Regulation
• ±0.5% max
Load Regulation
• ±0.5% max
Transient Response
• 4% maximum deviation, recovering to less
than 1% within 500 µs for 25% step load
Ripple & Noise
• 1% max pk-pk, 20 MHz bandwidth,
(see note 2)
Overvoltage Protection
• 110% - 140% of nominal voltage on main
output. Recycle mains to reset.
Overload Protection
• 110-170%
Short Circuit Protection
• Trip and restart (hiccup)
Thermal Protection
• Measured internally. Auto resetting.
Temperature
• 0.02%/°C
Coefficient
Fan Supply
• 12 V at 500 mA
xppower.com
General
Efficiency
• See table
Isolation
• 4000 VAC Input to Output
1500 VAC Input to Ground
1500 VAC Output to Ground
Protection Level
• Primary to Secondary: 2 MOPP
Primary to Earth: 1 MOPP
Secondary to Earth: 1 MOPP
Power Density
• 12/18 W/in3 convection/forced-cooled,
Switching Frequency
• PFC: 70-130 KHz, PWM: 50-80 KHz
MTBF
• >300 kHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -20 °C to +70 °C derate from 100% load
at 50 °C to 50% load at 70 °C
Cooling
• Convection cooled: 150 W
Forced cooled: 225 W with 10 CFM
Operating Humidity
• 5% to 90% RH, non condensing
Operating Altitude
• 5000 m
Storage Temperature
• -40 °C to +85 °C
Shock
• IEC68-2-27, 30 g, 11 ms half sine, 3 times
in each of 6 axes
Vibration
• IEC68-2-6, 10-500 Hz, 2 g 10 mins /
sweep. 60 mins for each of 3 axes
EMC & Safety
Emissions
• EN55022/11, Level B conducted &
Level A radiated
Harmonic Currents
• EN61000-3-2 Class A
EN61000-3-2 Class C for load >145 W
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, ±8 kV air, ±4 kV contact,
Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m, Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3, Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3 V, Perf Criteria A
Dips & Interruptions
• EN55024, 30% 10 ms,
60%, 100 ms, 100%, 5000 ms
Perf Criteria A, A, B for high line,
A, B, B for low line at full load,
EN60601-1-2, 30% 500 ms, 60% 100 ms,
100% 10 ms, 100% 5000 ms,
Perf Criteria A, A, A, B for high line,
A, B, A, B for low line at full load
Safety Approvals
• UL60950-1, IEC60950-1, EN60950-1,
ANSI/AAMI ES 60601-1, IEC60601-1,
EN60601-1


Similar Part No. - ECP225PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECP225PS24-A XPPOWER-ECP225PS24-A Datasheet
638Kb / 6P
   AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com