Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT16652CSSCX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74ABT16652CSSCX
Description  16-Bit Transceivers and Registers with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT16652CSSCX Datasheet(HTML) 7 Page - Fairchild Semiconductor

  74ABT16652CSSCX Datasheet HTML 1Page - Fairchild Semiconductor 74ABT16652CSSCX Datasheet HTML 2Page - Fairchild Semiconductor 74ABT16652CSSCX Datasheet HTML 3Page - Fairchild Semiconductor 74ABT16652CSSCX Datasheet HTML 4Page - Fairchild Semiconductor 74ABT16652CSSCX Datasheet HTML 5Page - Fairchild Semiconductor 74ABT16652CSSCX Datasheet HTML 6Page - Fairchild Semiconductor 74ABT16652CSSCX Datasheet HTML 7Page - Fairchild Semiconductor 74ABT16652CSSCX Datasheet HTML 8Page - Fairchild Semiconductor 74ABT16652CSSCX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Capacitance
Note 17: CI/O is measured at frequency, f = 1 MHz, per MIL-STD-883, Method 3012.
AC Loading
*Includes jig and probe capacitance
FIGURE 2. Standard AC Test Load
FIGURE 3. Test Input Signal Levels
Input Pulse Requirement
FIGURE 4. Test input Signal Requirements
AC Waveforms
FIGURE 5. Propagation Delay Waveforms for Inverting
and Non-Inverting Functions
FIGURE 6. Propagation Delay,
Pulse Width Waveforms
FIGURE 7. 3-STATE Output HIGH
and LOW Enable and Disable Times
FIGURE 8. Setup Time, Hold Time
and Recovery Time Waveforms
Symbol
Parameter
Typ
Units
Conditions
(TA = 25°C)
CIN
Input Capacitance
5.0
pF
VCC = 0V (non I/O pins)
CI/O (Note 17)
I/O Capacitance
11.0
pF
VCC = 5.0V (An, Bn)
Amplitude
Rep. Rate
tW
tr
tf
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns


Similar Part No. - 74ABT16652CSSCX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16652 PHILIPS-74ABT16652 Datasheet
96Kb / 12P
   16-bit transceiver/register, non-inverting 3-State
1998 Feb 27
More results

Similar Description - 74ABT16652CSSCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16652 TI-54ACT16652 Datasheet
198Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ACT16651 TI1-SN54ACT16651_06 Datasheet
375Kb / 13P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
APRIL 1996
logo
Fairchild Semiconductor
74ABT16646 FAIRCHILD-74ABT16646 Datasheet
84Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
logo
Texas Instruments
SN54ACT16651 TI-SN54ACT16651 Datasheet
175Kb / 10P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652_08 Datasheet
383Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI-54ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646_08 Datasheet
390Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com