Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT16952CMTD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ABT16952CMTD
Description  16-Bit Registered Transceiver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT16952CMTD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ABT16952CMTD Datasheet HTML 1Page - Fairchild Semiconductor 74ABT16952CMTD Datasheet HTML 2Page - Fairchild Semiconductor 74ABT16952CMTD Datasheet HTML 3Page - Fairchild Semiconductor 74ABT16952CMTD Datasheet HTML 4Page - Fairchild Semiconductor 74ABT16952CMTD Datasheet HTML 5Page - Fairchild Semiconductor 74ABT16952CMTD Datasheet HTML 6Page - Fairchild Semiconductor 74ABT16952CMTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
(SSOP Package)
AC Operating Requirements
Capacitance
Note 5: CI/O is measured at frequency f = 1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC = +5.0V
VCC = 4.5V to 5.5V
CL = 50 pF
CL = 50 pF
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
200
200
MHz
tPLH
Propagation Delay
1.5
5.3
1.5
5.3
ns
tPHL
CPABn or CPBAn to An or Bn
1.5
5.3
1.5
5.3
tPZH
Output Enable Time
1.5
5.5
1.5
5.5
ns
tPZL
OEABn or OEBAn to An or Bn
1.5
5.5
1.5
5.5
tPHZ
Output Disable Time
1.5
6.0
1.5
6.0
ns
tPLZ
OEABn or OEBAn to An or Bn
1.5
6.0
1.5
6.0
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC = +5.0V
VCC = 4.5V to 5.5V
CL = 50 pF
CL = 50 pF
Min
Max
Min
Max
tS(H)
Setup Time, HIGH
2.5
2.5
ns
tS(L)
or LOW An or Bn to CPABn or CPBAn
2.5
2.5
tH(H)
Hold Time, HIGH
1.5
1.5
ns
tH(L)
or LOW An or Bn to CPABn or CPBAn
1.5
1.5
tS(H)
Setup Time, HIGH
2.5
2.5
ns
tS(L)
or LOW CEAn or CEBn to CPABn or CPBAn
2.5
2.5
tH(H)
Hold Time, HIGH
1.5
1.5
ns
tH(L)
or LOW CEAn or CEBn to CPABn or CPBAn
1.5
1.5
tW(H)
Pulse Width,
3.0
3.0
ns
tW(L)
HIGH or LOW to CPABn or CPBAn
3.0
3.0
Symbol
Parameter
Typ
Units
Conditions
TA = 25°C
CIN
Input Capacitance
5
pF
VCC = 0V (Non I/O Pins)
CI/O (Note 5)
Output Capacitance
11
pF
VCC = 5.0V (An, Bn)


Similar Part No. - 74ABT16952CMTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74ABT16952CMTD NSC-74ABT16952CMTD Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
74ABT16952CMTDX NSC-74ABT16952CMTDX Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
More results

Similar Description - 74ABT16952CMTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A_08 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com