Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT16952CMTD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ABT16952CMTD
Description  16-Bit Registered Transceiver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT16952CMTD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ABT16952CMTD Datasheet HTML 1Page - Fairchild Semiconductor 74ABT16952CMTD Datasheet HTML 2Page - Fairchild Semiconductor 74ABT16952CMTD Datasheet HTML 3Page - Fairchild Semiconductor 74ABT16952CMTD Datasheet HTML 4Page - Fairchild Semiconductor 74ABT16952CMTD Datasheet HTML 5Page - Fairchild Semiconductor 74ABT16952CMTD Datasheet HTML 6Page - Fairchild Semiconductor 74ABT16952CMTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
DS011647
www.fairchildsemi.com
November 1993
Revised August 2001
74ABT16952
16-Bit Registered Transceiver with 3-STATE Outputs
General Description
The ABT16952 is a 16-bit registered transceiver. Two 8-bit
back to back registers store data flowing in both directions
between two bidirectional buses. Separate clock, clock
enable and 3-STATE output enable signals are provided for
each register. The output pins are guaranteed to source
32 mA and to sink 64 mA.
Features
s Separate clock, clock enable and 3-STATE output
enable provided for each register
s A and B output sink capability of 64 mA source capability
of 32 mA
s Guaranteed latchup protection
s High impedance glitch free bus loading during entire
power up and power down cycle
s Nondestructive hot insertion capability
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the letter suffix “X” to the ordering code.
Pin Descriptions
Output Control
Register Function Table
(Applies to A or B Register)
H
= HIGH Voltage Level
Z
= HIGH Impedance
L
= LOW Voltage Level
 = LOW-to-HIGH Transition
X
= Immaterial
NC
= No Change
Connection Diagram
Order Number
Package Number
Package Description
74ABT16952CSSC
MS56A
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
74ABT16952CMTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Names
Description
A0–A15
Data Register A Inputs/
B-Register 3-STATE Outputs
B0–B15
Data Register B Inputs/
A-Register 3-STATE Outputs
CPABn, CPBAn
Clock Pulse Inputs
CEAn, CEBn
Clock Enable
OEABn, OEBAn
Output Enable Inputs
OE
Internal
Q
Output
Function
H
X
Z
Disable Outputs
L
L
L
Enable Outputs
LH
H
Inputs
Internal
Function
DCP
CE
Q
X
X
H
NC
Hold Data
L

L
L
Load Data
H

L
H


Similar Part No. - 74ABT16952CMTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74ABT16952CMTD NSC-74ABT16952CMTD Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
74ABT16952CMTDX NSC-74ABT16952CMTDX Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
More results

Similar Description - 74ABT16952CMTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A_08 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com