Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1150UA2 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1150UA2
Description  GNSS LOW NOISE AMPLIFIER GaAs MMIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1150UA2 Datasheet(HTML) 1 Page - New Japan Radio

  NJG1150UA2 Datasheet HTML 1Page - New Japan Radio NJG1150UA2 Datasheet HTML 2Page - New Japan Radio NJG1150UA2 Datasheet HTML 3Page - New Japan Radio NJG1150UA2 Datasheet HTML 4Page - New Japan Radio NJG1150UA2 Datasheet HTML 5Page - New Japan Radio NJG1150UA2 Datasheet HTML 6Page - New Japan Radio NJG1150UA2 Datasheet HTML 7Page - New Japan Radio NJG1150UA2 Datasheet HTML 8Page - New Japan Radio NJG1150UA2 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
- 1 -
Ver.2012-08-16
NJG1150UA2
GNSS LOW NOISE AMPLIFIER GaAs MMIC
I
I
I
I
GENERAL DESCRIPTION
I
I
I
I
PACKAGE OUTLINE
The NJG1150UA2 is a LNA GaAs MMIC designed for GNSS applications,
like GPS, Galileo, GLONASS and COMPASS. The NJG1150UA2 is featured
low noise figure and low distortion, and operates from 1.5V to 3.3V single
voltage. The NJG1150UA2 has stand-by mode to save the supply current,
has the on-chip ESD protection devices.
The NJG1150UA2 achieves very small mounting area by only two external
components and very small package that is lead-free and halogen-free 6-pin
EPFFP6-A2 package.
I
I
I
I
FEATURES
G
Low supply voltage
1.8/ 2.8V typ.
G
Low current consumption
4.2 / 4.9mA typ. @VDD=1.8/ 2.8V, VCTL=1.8V
0.1µA typ.
@VDD=1.8/ 2.8V, VCTL=0V (Stand-by mode)
G
High gain
16.0dB typ.
@VDD=1.8/ 2.8V, VCTL=1.8V, f=1575MHz
G
Low noise figure
0.6dB typ.
@VDD=1.8/ 2.8V, VCTL=1.8V, f=1575MHz
G
High input IP3
-1 / +1dBm typ. @VDD=1.8/ 2.8V, VCTL=1.8V, f=1575+1575.1MHz
G
High out of band input IP3
+5 / +6dBm typ. @VDD=1.8/ 2.8V, VCTL=1.8V, f=1712.7+1850MHz
G
Small package
EPFFP6-A2
(Package size: 1.0mmx1.0mmx0.37mm typ.)
G
RoHS compliant and Halogen Free
G
MSL 1
I
I
I
I
PIN CONFIGURATION
I
I
I
I
TRUTH TABLE
“H”=VCTL(H), “L”=VCTL(L)
VCTL
LNA Mode
H
Active mode
L
Stand-by mode
Note: Specifications and description listed in this datasheet are subject to change without notice.
NJG1150UA2
Pin connection
1. RFIN
2. GND
3. RFOUT
4. VDD
5. GND
6. VCTL
(Top View)
1Pin INDEX
1
4
2
3
6
5
RFIN
VCTL
RFOUT
VDD
GND
GND


Similar Part No. - NJG1150UA2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1151MD7 NJRC-NJG1151MD7 Datasheet
876Kb / 30P
   2-way Active Splitter GaAs MMIC
NJG1152KA1 NJRC-NJG1152KA1 Datasheet
578Kb / 28P
   Wide Band Low Noise Amplifier GaAs MMIC
NJG1155UX2 NJRC-NJG1155UX2 Datasheet
284Kb / 19P
   GNSS LOW NOISE AMPLIFIER GaAs MMIC
NJG1159PHH-TE1 NJRC-NJG1159PHH-TE1 Datasheet
508Kb / 20P
   GNSS Front-End Module
More results

Similar Description - NJG1150UA2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1155UX2 NJRC-NJG1155UX2 Datasheet
284Kb / 19P
   GNSS LOW NOISE AMPLIFIER GaAs MMIC
NJG1144UX2 NJRC-NJG1144UX2 Datasheet
446Kb / 14P
   GNSS LOW NOISE AMPLIFIER GaAs MMIC
logo
Sanyo Semicon Device
SPM0103A SANYO-SPM0103A Datasheet
28Kb / 2P
   Low-Noise GaAs Amplifier MMIC
logo
Analog Devices
HMC263LP4E AD-HMC263LP4E Datasheet
1Mb / 7P
   GaAs MMIC LOW NOISE AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM37000_V7 MA-COM-MAAM37000_V7 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
MAAM37000-A1_V7 MA-COM-MAAM37000-A1_V7 Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_15 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_16 Datasheet
975Kb / 5P
   Low Noise GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com