Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1155UX2 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJG1155UX2
Description  GNSS LOW NOISE AMPLIFIER GaAs MMIC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1155UX2 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJG1155UX2 Datasheet HTML 2Page - New Japan Radio NJG1155UX2 Datasheet HTML 3Page - New Japan Radio NJG1155UX2 Datasheet HTML 4Page - New Japan Radio NJG1155UX2 Datasheet HTML 5Page - New Japan Radio NJG1155UX2 Datasheet HTML 6Page - New Japan Radio NJG1155UX2 Datasheet HTML 7Page - New Japan Radio NJG1155UX2 Datasheet HTML 8Page - New Japan Radio NJG1155UX2 Datasheet HTML 9Page - New Japan Radio NJG1155UX2 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NJG1155UX2
- 6 -
I
I
I
I ELECTRICAL CHARACTERISTICS
-25
-20
-15
-10
-5
0
5
10
-40
-30
-20
-10
0
10
Pin (dBm)
P-1dB(IN)=-12.8dBm
Pout
Pout vs. Pin
(VDD=2.8V, VCTL=1.8V, fRF=1575MHz)
P-1dB(OUT)=+4.9dBm
6
8
10
12
14
16
18
20
22
2
3
4
5
6
7
8
9
10
-40
-30
-20
-10
0
10
Pin (dBm)
Gain
IDD
Gain, IDD vs. Pin
(VDD=2.8V, VCTL=1.8V, fRF=1575MHz)
P-1dB(IN)=-12.8dBm
(Gain: Exclude PCB, Connector Losses)
-100
-80
-60
-40
-20
0
20
-40
-30
-20
-10
0
10
Pin (dBm)
IIP3=-1.4dBm
Pout
IM3
Pout, IM3 vs. Pin
(VDD=2.8V, VCTL=1.8V, f1=1575MHz, f2=1576MHz)
OIP3=+17.3dBm
0
0.5
1
1.5
2
2.5
3
14
15
16
17
18
19
20
1.45
1.5
1.55
1.6
1.65
1.7
1.75
frequency (GHz)
NF
NF, Gain vs. frequency
(VDD=2.8V, VCTL=1.8V)
Gain
(NF, Gain: Exclude PCB, Connector Losses)
-100
-80
-60
-40
-20
0
20
-40
-30
-20
-10
0
10
Pin (dBm)
IIP3_OB=+0.3dBm
Pout
IM3
OUT-of-band IIP3
(VDD=2.8V, VCTL=1.8V,
fmeas=1575.4MHz, f1=1712.7MHz, f2=1850MHz)
Conditions: VDD=2.8V, VCTL=1.8V, Ta=25°C, Z s=Zl=50Ω


Similar Part No. - NJG1155UX2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1150UA2 NJRC-NJG1150UA2 Datasheet
608Kb / 18P
   GNSS LOW NOISE AMPLIFIER GaAs MMIC
NJG1151MD7 NJRC-NJG1151MD7 Datasheet
876Kb / 30P
   2-way Active Splitter GaAs MMIC
NJG1152KA1 NJRC-NJG1152KA1 Datasheet
578Kb / 28P
   Wide Band Low Noise Amplifier GaAs MMIC
NJG1159PHH-TE1 NJRC-NJG1159PHH-TE1 Datasheet
508Kb / 20P
   GNSS Front-End Module
More results

Similar Description - NJG1155UX2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1150UA2 NJRC-NJG1150UA2 Datasheet
608Kb / 18P
   GNSS LOW NOISE AMPLIFIER GaAs MMIC
NJG1144UX2 NJRC-NJG1144UX2 Datasheet
446Kb / 14P
   GNSS LOW NOISE AMPLIFIER GaAs MMIC
logo
Sanyo Semicon Device
SPM0103A SANYO-SPM0103A Datasheet
28Kb / 2P
   Low-Noise GaAs Amplifier MMIC
logo
Analog Devices
HMC263LP4E AD-HMC263LP4E Datasheet
1Mb / 7P
   GaAs MMIC LOW NOISE AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM37000_V7 MA-COM-MAAM37000_V7 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
MAAM37000-A1_V7 MA-COM-MAAM37000-A1_V7 Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_15 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_16 Datasheet
975Kb / 5P
   Low Noise GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com