Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7068 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7068
Description  14關A/ch, 16V Operation, Rail-to-Rail Output Quad CMOS Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7068 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU7068 Datasheet HTML 3Page - New Japan Radio NJU7068 Datasheet HTML 4Page - New Japan Radio NJU7068 Datasheet HTML 5Page - New Japan Radio NJU7068 Datasheet HTML 6Page - New Japan Radio NJU7068 Datasheet HTML 7Page - New Japan Radio NJU7068 Datasheet HTML 8Page - New Japan Radio NJU7068 Datasheet HTML 9Page - New Japan Radio NJU7068 Datasheet HTML 10Page - New Japan Radio NJU7068 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NJU7068
Ver.00
[
7]
© New Japan Radio Co.,Ltd.
-4
-3
-2
-1
0
1
2
3
4
-1
01
23
45
Input Common-mode Voltage [V]
Input Offset Voltage vs.Input Common-mode Voltage
VDD=5V
Ta=-40°C
Ta=25°C
Ta=85°C
0
10
20
30
40
50
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Common-mode Rejection Ratio vs. Temperature
VDD=5V,VICM=0V to 3.4V
-4
-3
-2
-1
0
1
2
3
4
-1
01234
56789
10
Input Common-mode Voltage [V]
Input Offset Voltage vs.Input Common-mode Voltage
VDD=10V
Ta=-40°C
Ta=25°C
Ta=85°C
0
10
20
30
40
50
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Common-mode Rejection Ratio vs. Temperature
VDD=10V,VICM=0V to 8.4V
-4
-3
-2
-1
0
1
2
3
4
-2
02
46
8
10
12
14
16
Input Common-mode Voltage [V]
Ta=-40°C
Ta=25°C
Ta=85°C
Input Offset Voltage vs.Input Common-mode Voltage
VDD=15V
0
10
20
30
40
50
60
70
80
90
100
110
120
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Common-mode Rejection Ratio vs. Temperature
VDD=15V,VICM=0V to 13.4V


Similar Part No. - NJU7068

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7061 NJRC-NJU7061 Datasheet
163Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7061D NJRC-NJU7061D Datasheet
163Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7061M NJRC-NJU7061M Datasheet
163Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7061V NJRC-NJU7061V Datasheet
163Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
NJU7062 NJRC-NJU7062 Datasheet
163Kb / 4P
   LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER???????
More results

Similar Description - NJU7068

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7067 NJRC-NJU7067 Datasheet
396Kb / 12P
   14關A/ch, 16V Operation, Rail-to-Rail Output Dual CMOS Operational Amplifier
Ver.01
NJU7028 NJRC-NJU7028 Datasheet
320Kb / 10P
   13關A/ch, Rail-to-Rail Output Quad CMOS Operational Amplifier
NJU7027 NJRC-NJU7027 Datasheet
315Kb / 11P
   13關A/ch, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
TS914 STMICROELECTRONICS-TS914 Datasheet
102Kb / 13P
   RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
April 1999
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com