Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU72340A Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU72340A
Description  8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU72340A Datasheet(HTML) 3 Page - New Japan Radio

  NJU72340A Datasheet HTML 1Page - New Japan Radio NJU72340A Datasheet HTML 2Page - New Japan Radio NJU72340A Datasheet HTML 3Page - New Japan Radio NJU72340A Datasheet HTML 4Page - New Japan Radio NJU72340A Datasheet HTML 5Page - New Japan Radio NJU72340A Datasheet HTML 6Page - New Japan Radio NJU72340A Datasheet HTML 7Page - New Japan Radio NJU72340A Datasheet HTML 8Page - New Japan Radio NJU72340A Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NJU72340A
– 3 –
ABSOLUTE MAXIMUM RATING (Ta=25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Power Supply Voltage
V
+/V-
+8/-8
V
Maximum Input Voltage
VIM
V
+/V-
V
Power Dissipation
PD
1800
NOTE: EIA/JEDEC STANDARD Test board (76.2x114.3x1.6mm, 2layer, FR-4) mounting
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +125
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, V
+/V-=
±7V, RL=47kΩ, Volume=0dB)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Power Supply
Operating Voltage
V
+/V-
±4.5
±7.0
±7.5
V
Supply Current 1
ICC
No signal
-
12
25
mA
Supply Current 2
IEE
No signal
-
12
25
mA
Input/Output Characteristics (Output)
Maximum Output Voltage
VOM
f=1kHz, THD=1%
Volume=0dB
3.6
4.2
-
Vrms
Maximum Input Voltage
VIM
f=1kHz, THD=1%
Volume=-20dB
4.7
-
-
Vrms
Voltage Gain 1
GV1
VIN=2Vrms, f=1kHz
Volume=0dB
-0.5
0
+0.5
dB
Voltage Gain 2
GV2
VIN=100mVrms, f=1kHz
Volume=+15dB
+14
+15
+16
dB
Voltage Gain Error
∆G
V
VIN=2Vrms, f=1kHz
Volume=0dB
-0.5
0
0.5
dB
Maximum Attenuation
ATT
f=1kHz, VIN=2Vrms
Volume=Mute, A-weight
-
-120
-
dB
Attenuation Error
∆A
TT
f=1kHz, VIN=2Vrms
Volume=-60dB
-1
0
1
dB
Output Noise1
VNO1
Volume=0dB,
Rg=0, A-weight
-
-117
(1.41
µ)
-104
(6.3
µ)
dBV
(Vrms)
Output Noise2
VNO2
Volume=-95dB,
Rg=0, A-weight
-
-117
(1.41
µ)
-104
(6.3
µ)
dBV
(Vrms)
Total Harmonic Distortion 1
T.H.D.1
f=1kHz,VIN=1Vrms,
Volume=0dB,BW=400Hz-30kHz
-
0.0004
0.01
%
Total Harmonic Distortion 2
T.H.D.2
f=10kHz,VIN=1Vrms,
Volume=0dB, BW=400Hz -30kHz
-
0.0008
-
%
Cross Talk 1
CT1
f=1kHz,VIN=2Vrms,A-weight
Volume=0dB, Rg=0
-
-120
-
dB
Cross Talk 2
CT2
f=20kHz, VIN =2Vrms,
Volume=0dB, Rg=0
-
-100
-
dB
Channel Separation 1
CS1
f=1kHz, VIN =2Vrms,A-weight
Volume=0dB, Rg=0
-
-115
-80
dB
Channel Separation 2
CS2
f=20kHz, VIN =2Vrms,
Volume=0dB, Rg=0
-
-90
-
dB


Similar Part No. - NJU72340A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU72343 NJRC-NJU72343 Datasheet
479Kb / 16P
   8-CHANNEL ELECTRONIC VOLUME
Ver.2.6E
NJU72343V NJRC-NJU72343V Datasheet
479Kb / 16P
   8-CHANNEL ELECTRONIC VOLUME
Ver.2.6E
More results

Similar Description - NJU72340A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1199 NJRC-NJW1199 Datasheet
55Kb / 4P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1157 NJRC-NJW1157 Datasheet
311Kb / 22P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
logo
Renesas Technology Corp
M61522FP RENESAS-M61522FP Datasheet
230Kb / 18P
   8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
logo
List of Unclassifed Man...
REJ03F0034_M61522FP ETC-REJ03F0034_M61522FP Datasheet
229Kb / 18P
   8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
logo
New Japan Radio
NJW1191V-TE1 NJRC-NJW1191V-TE1 Datasheet
273Kb / 20P
   4-channel Electronic Volume with Input Selector
NJW1153 NJRC-NJW1153 Datasheet
292Kb / 20P
   6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1191 NJRC-NJW1191 Datasheet
268Kb / 20P
   4-channel Electronic Volume with Input Selector
NJW1195A NJRC-NJW1195A Datasheet
85Kb / 3P
   4-Channel Electronic Volume with Input Selector
NJW1156 NJRC-NJW1156 Datasheet
195Kb / 13P
   2-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1195 NJRC-NJW1195 Datasheet
87Kb / 3P
   4-Channel Electronic Volume with Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com