Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1241 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW1241
Description  3-Chanels Differential Output Line Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1241 Datasheet(HTML) 3 Page - New Japan Radio

  NJW1241 Datasheet HTML 1Page - New Japan Radio NJW1241 Datasheet HTML 2Page - New Japan Radio NJW1241 Datasheet HTML 3Page - New Japan Radio NJW1241 Datasheet HTML 4Page - New Japan Radio NJW1241 Datasheet HTML 5Page - New Japan Radio NJW1241 Datasheet HTML 6Page - New Japan Radio NJW1241 Datasheet HTML 7Page - New Japan Radio NJW1241 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NJW1241
– 3 –
ABSOLUTE MAXIMUM RATING (Ta=25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+
10.5
V
CLK Terminal Voltage
VCLK
-0.3∼+6
V
V
- Power Supply Control Voltage
VRegCNT
-0.3∼+6
V
FB Terminal Voltager
VFB
(V
-OUT)+6
V
Maximum Input Voltage
VIN
V
+ +0.3
V
Power Dissipation
PD
905
(Note1)
mW
Operating Temperature Range
Topr
-40 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +125
°C
(Note1) EIA/JEDEC STANDARD Test board (76.2x114.3x1.6mm, 2layer, FR-4) mounting
RECOMMENDED OPERATING CONDITIONS
(Ta=25
°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
V
+
6
8
10
V
External Clock Input Range(Note2)
fCLK
150
-
1250
kHz
External Clock Duty Input Range
DUTY
45
-
80
%
(Note2) The regulator for V- power supply operates by the half of fCLK.
ELECTRICAL CHARACTERISTICS
(Ta=25
°C, V+=8V, f=1kHz, Vin=0dBV, RL=47kΩ, GAIN=Low, MUTE=High, RegCNT=High unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Current
IDD
No signal
-
12
20
mA
Voltage Gain1
GV1
5.5
6
6.5
dB
Voltage Gain2
GV2
GAIN=High
7.5
8
8.5
dB
Maximum Output Voltage
VOMAX
THD=1%,
5
-
-
Vrms
Mute Level
VMUTE
MUTE=Low
-
-100
-80
dB
S/N Ratio
VNO1
Vin=500mVrms , A=Weighted
Differential Output
-
100
-
dB
Total Harmonic Distortion
THD
BW:400Hz-22kHz,
Differential Output
-
0.004
-
%
Channel Separation
CS
Rg=600Ω
80
-
-
dB
Internal Oscillating Frequency
fOSC
fCLK=No signal
-
300
-
kHz
CONTROL CHARACTERISTICS
(Ta=25
°C, V+=8V, f=1kHz, Vin=0dBV, RL=47kΩ unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Mute Terminal High
MuteH
MUTE OFF
2.3
-
V
+
V
Mute Terminal Low
MuteL
MUTE ON
0
-
0.7
V
Gain Terminal High
GainH
Gv=8dB
2.3
-
V
+
V
Gain Terminal Low
GainL
Gv=6dB
0
-
0.7
V
CLK Terminal High
CLKH
2.3
-
5.5
V
CLK Terminal Low
CLKL
0
-
0.7
V


Similar Part No. - NJW1241

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1240 NJRC-NJW1240 Datasheet
235Kb / 12P
   5Vrms Ground Referenced 6-Channel Line Amplifier
NJW1240V NJRC-NJW1240V Datasheet
235Kb / 12P
   5Vrms Ground Referenced 6-Channel Line Amplifier
More results

Similar Description - NJW1241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6212 TI1-THS6212 Datasheet
1Mb / 48P
[Old version datasheet]   Differential, Line-Driver Amplifier
logo
IC-Haus GmbH
IC-DL ICHAUS-IC-DL_17 Datasheet
530Kb / 10P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
IC-VX ICHAUS-IC-VX Datasheet
603Kb / 11P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
IC-DL ICHAUS-IC-DL Datasheet
305Kb / 9P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
Fairchild Semiconductor
KH600 FAIRCHILD-KH600 Datasheet
319Kb / 12P
   1GHz, Differential Input/Output Amplifier
logo
Cadeka Microcircuits LL...
KH600 CADEKA-KH600 Datasheet
355Kb / 13P
   1GHz, Differential Input/Output Amplifier
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
Toshiba Semiconductor
TA8193S TOSHIBA-TA8193S Datasheet
218Kb / 5P
   DUAL LINE OUTPUT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com